Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0XZ Datasheet(PDF) 5 Page - Sharp Corporation

Part # 0XZ
Description  SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

0XZ Datasheet(HTML) 5 Page - Sharp Corporation

  0XZ Datasheet HTML 1Page - Sharp Corporation 0XZ Datasheet HTML 2Page - Sharp Corporation 0XZ Datasheet HTML 3Page - Sharp Corporation 0XZ Datasheet HTML 4Page - Sharp Corporation 0XZ Datasheet HTML 5Page - Sharp Corporation 0XZ Datasheet HTML 6Page - Sharp Corporation 0XZ Datasheet HTML 7Page - Sharp Corporation 0XZ Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PQ070XZ5MZ/PQ070XZ01Z
Fig.15 Example of Application
1
3
2
5
4
VO
VIN
R2
CIN
DC input
R1
1k
Ω
CO
+
Load
ON/OFF signal
High:Output ON
Low or open:Output OFF
Fig.17 Output Voltage vs. R2
R2 (Ω)
0
1
2
3
4
5
6
7
8
9
10
100
1 000
10 000
R1=1kΩ
0
1
2
3
−20
0
20
40
60
80
Ambient temperature Ta (°C)
Cu area 740mm
2
Cu area 100mm
2
Cu area 180mm
2
Cu area 70mm
2
Cu area 36mm
2
Material : Glass-cloth epoxy resin
Size : 50
×50×1.6mm
Cu thickness : 35
µm
PWB
PWB
Cu
Fig.16 Power Dissipation vs. Ambient
Temperature (Typical Value)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com