Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0XZ Datasheet(PDF) 3 Page - Sharp Corporation

Part # 0XZ
Description  SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

0XZ Datasheet(HTML) 3 Page - Sharp Corporation

  0XZ Datasheet HTML 1Page - Sharp Corporation 0XZ Datasheet HTML 2Page - Sharp Corporation 0XZ Datasheet HTML 3Page - Sharp Corporation 0XZ Datasheet HTML 4Page - Sharp Corporation 0XZ Datasheet HTML 5Page - Sharp Corporation 0XZ Datasheet HTML 6Page - Sharp Corporation 0XZ Datasheet HTML 7Page - Sharp Corporation 0XZ Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PQ070XZ5MZ/PQ070XZ01Z
Fig.7 Output Voltage vs. Input Voltage
(PQ070XZ5MZ)
Fig.5 Overcurrent Protection Characteristics
(PQ070XZ5MZ)
Fig.6 Reference Voltage vs. Ambient
Temperature
Fig.8 Output Voltage vs. Input Voltage
(PQ070XZ01Z)
Output current IO (A)
0
0.5
1
1.5
2
2.5
3
0
0.2
0.4
0.6
0.8
1
1.2
0.1
0.3
0.5
0.7
0.9
1.1
VIN=5V
VIN=7V
VO=3V
VIN=5.5V
VIN=4.5V
VIN=10V
1.23
1.235
1.24
1.245
1.25
1.255
1.26
−50
−25
0
25
50
75
100
125
Ambient temperature Ta (°C)
VIN=4V
VC=2.7V
R1=1kΩ
R2=1.4kΩ
PQ070XZ01Z:IO=0.5A
PQ070XZ5MZ:IO=0.3A
Input voltage VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
012345
VC=2.7V
Ta=Room temp.
R1=1kΩ
R2=1.4kΩ
(VO=3V)
CIN=0.33µF
CO=47µF
RL=6Ω (IO=0.5A)
RL=∞Ω (IO=0A)
RL=10Ω (IO=0.3A)
Input voltage VIN (V)
0.5
1
1.5
2
2.5
3
3.5
012345
VC=2.7V
Ta=Room temp.
R1=1kΩ
R2=1.4kΩ
(VO=3V)
CIN=0.33µF
CO=47µF
RL=3Ω (IO=1A)
RL=6Ω (IO=0.5A)
RL=∞Ω (IO=0.3A)
0
5
10
8
−40
−20
0
20406080
PD : With infinite heat sink
Ambient temperature Ta (°C)
Note) Oblique line prtion:Overheat protection may operate in this area
Output current IO (A)
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
VIN=7V
VIN=5.5V
VIN=5V
VIN=4.5V
VO=3V
VIN=10V
Fig.3 Internal Dissipation vs. Ambient
Temperature
Fig.4 Overcurrent Protection Characteristics
(PQ070XZ01Z)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com