Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5401. Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBT5401.
Description  PNP Epitaxial Silicon Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5401. Datasheet(HTML) 4 Page - ON Semiconductor

  MMBT5401. Datasheet HTML 1Page - ON Semiconductor MMBT5401. Datasheet HTML 2Page - ON Semiconductor MMBT5401. Datasheet HTML 3Page - ON Semiconductor MMBT5401. Datasheet HTML 4Page - ON Semiconductor MMBT5401. Datasheet HTML 5Page - ON Semiconductor MMBT5401. Datasheet HTML 6Page - ON Semiconductor MMBT5401. Datasheet HTML 7Page - ON Semiconductor MMBT5401. Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MMBT5401 Rev. 1.1.0
3
Typical Performance Characteristics
Figure 1. Typical Pulsed Current Gain
vs. Collector Current
Figure 2. Collector-Emitter Saturation Voltage vs.
Collector Current
Figure 3. Base-Emitter Saturation Voltage vs.
Collector Current
Figure 4. Base-Emitter On Voltage vs.
Collector Current
Figure 5. Collector-Cutoff Current
vs. Ambient Temperature
Figure 6. Collector-Emitter Breakdown Voltage
with Resistance Between Emitter-Base
1E-4
1E-3
0.01
0.1
1
0
50
100
150
200
- 40
oC
25
oC
125
oC
V
CE = 5V
I
C - COLLECTOR CURRENT (A)
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
- 40
oC
25
oC
125
oC
β = 10
I
C - COLLECTOR CURRENT (mA)
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
125
oC
25
oC
- 40
oC
β = 10
I
C - COLLECTOR CURRENT (mA)
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
- 40
oC
25
oC
125
oC
V
CE = 5V
I
C - COLLECTOR CURRENT (mA)
Ω
β
β
25
50
75
100
125
150
0.1
1
10
100
T - AM BIENT TE MPE RATURE ( C)
A
V
= 10 0V
CB
°
Between Emitter-Base
0.1
1
10
100
1000
170
180
190
200
210
220
RESISTANCE (k )
Ω
β
β



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com