Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5401. Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT5401.
Description  PNP Epitaxial Silicon Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5401. Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT5401. Datasheet HTML 1Page - ON Semiconductor MMBT5401. Datasheet HTML 2Page - ON Semiconductor MMBT5401. Datasheet HTML 3Page - ON Semiconductor MMBT5401. Datasheet HTML 4Page - ON Semiconductor MMBT5401. Datasheet HTML 5Page - ON Semiconductor MMBT5401. Datasheet HTML 6Page - ON Semiconductor MMBT5401. Datasheet HTML 7Page - ON Semiconductor MMBT5401. Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MMBT5401 Rev. 1.1.0
November 2014
MMBT5401
PNP Epitaxial Silicon Transistor
Features
• PNP General-Purpose Amplifier
• This device is designed as a general-purpose amplifier
and switch for applications requiring high voltage.
Ordering Information
Absolute Maximum Ratings(1),(2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150
°C.
2. These are steady-state limits. Fairchild Semiconductor should be consulted on applications involving pulsed or
low-duty-cycle operations.
Part Number
Marking
Package
Packing Method
MMBT5401
2L
SOT-23 3L
Tape and Reel, 3000 pcs, 7 inch Reel
MMBT5401_D87Z
2L
SOT-23 3L
Tape and Reel, 10000 pcs, 13 inch Reel
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
-150
V
VCBO
Collector-Base Voltage
-160
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current - Continuous
-600
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
SOT-23
B
E
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com