Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5401. Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBT5401.
Description  PNP Epitaxial Silicon Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5401. Datasheet(HTML) 3 Page - ON Semiconductor

  MMBT5401. Datasheet HTML 1Page - ON Semiconductor MMBT5401. Datasheet HTML 2Page - ON Semiconductor MMBT5401. Datasheet HTML 3Page - ON Semiconductor MMBT5401. Datasheet HTML 4Page - ON Semiconductor MMBT5401. Datasheet HTML 5Page - ON Semiconductor MMBT5401. Datasheet HTML 6Page - ON Semiconductor MMBT5401. Datasheet HTML 7Page - ON Semiconductor MMBT5401. Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MMBT5401 Rev. 1.1.0
2
Thermal Characteristics(3)
Values are at TA = 25°C unless otherwise noted.
Note:
3. PCB size: FR-4, 76 mm x 114 mm x 1.57 mm (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
4. Pulse test: Pulse width
≤ 300 μs, duty cycle ≤ 2%
Symbol
Parameter
Max.
Unit
PD
Total Device Dissipation
350
mW
Derate Above 25
°C2.8
mW/
°C
RθJA
Thermal Resistance, Junction-to-Ambient
357
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
BVCEO
Collector-Emitter Breakdown Voltage(4) IC = -1.0 mA, IB = 0
-150
V
BVCBO
Collector-Base Breakdown Voltage
IC = -100 μA, IE = 0
-160
V
BVEBO
Emitter-Base Breakdown Voltage
IE = -10 μA, IC = 0
-5.0
V
ICBO
Collector Cut-Off Current
VCB = -120 V, IE = 0
-50
nA
VCB = -120 V, IE = 0,
TA = 100°C
-50
μA
IEBO
Emitter Cut-Off Current
VEB = -3.0 V, IC = 0
-50
nA
hFE
DC Current Gain(4)
IC = -0.1 mA, VCE = -5.0 V
50
IC = -10 mA, VCE = -5.0 V
60
240
IC = -50 mA, VCE = -5.0 V
50
VCE(sat)
Collector-Emitter Saturation Voltage(4)
IC = -10 mA, IB = -1.0 mA
-0.2
V
IC = -50 mA, IB = -5.0 mA
-0.5
VBE(sat)
Base-Emitter Saturation Voltage(4)
IC = -10 mA, IB = -1.0 mA
-1.0
V
IC = -50 mA, IB = -5.0 mA
-1.0
fT
Current Gain Bandwidth Product
IC = -10 mA, VCE = -10 V,
f = 100 MHz
100
300
MHz
Cob
Output Capacitance
VCB = -10 V, IE = 0,
f = 1 MHz
6.0
pF
NF
Noise Figure
IC = -250 μA, VCE = -5.0 V,
RS = 1.0 kΩ,
f = 10 Hz to 15.7 kHz
8.0
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com