Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5401. Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMBT5401.
Description  PNP Epitaxial Silicon Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5401. Datasheet(HTML) 5 Page - ON Semiconductor

  MMBT5401. Datasheet HTML 1Page - ON Semiconductor MMBT5401. Datasheet HTML 2Page - ON Semiconductor MMBT5401. Datasheet HTML 3Page - ON Semiconductor MMBT5401. Datasheet HTML 4Page - ON Semiconductor MMBT5401. Datasheet HTML 5Page - ON Semiconductor MMBT5401. Datasheet HTML 6Page - ON Semiconductor MMBT5401. Datasheet HTML 7Page - ON Semiconductor MMBT5401. Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MMBT5401 Rev. 1.1.0
4
Typical Performance Characteristics (Continued)
Figure 7. Input and Output Capacitance
vs. Reverse Voltage
Figure 8. Power Dissipation vs.
Ambient Temperature
0.1
1
10
100
0
20
40
60
80
V
- REVERSE BIAS VOLTAGE(V)
C
f = 1.0 MHz
R
C
cb
eb
0
255075
100
125
150
0
100
200
300
400
500
600
700
SOT-23
TEMPERATURE (
oC)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com