Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8563_V01 Datasheet HTML 1Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 2Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 3Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 4Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 5Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 6Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 7Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 8Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
2 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
4.
Ordering information
[1]
Not recommended for new designs. Replacement part is PCF8563T/5.
[2]
Not recommended for new designs. Replacement part is PCF8563TS/5.
5.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF8563BS/4
HVSON10 plastic thermal enhanced very thin small outline
package; no leads; 10 terminals;
body 3
 3  0.85 mm
SOT650-1
PCF8563T/5
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
PCF8563T/F4[1]
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
PCF8563TS/4[2]
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PCF8563TS/5
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
Table 2.
Marking codes
Type number
Marking code
PCF8563BS/4
8563S
PCF8563T/5
PCF8563
PCF8563T/F4
8563T
PCF8563TS/4
8563
PCF8563TS/5
P8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com