Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8563_V01 Datasheet HTML 26Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 27Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 28Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 29Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 30Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 31Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 32Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 33Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
30 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
13. Dynamic characteristics
VDD = 3 V; Timer = 1 minute.
Tamb =25 C; normalized to VDD =3V.
Fig 25. Supply current IDD as a function of
temperature T; CLKOUT = 32 kHz
Fig 26. Frequency deviation as a function of supply
voltage VDD
−40
0
40
120
mgr890
80
T (
°C)
1
0
0.4
0.2
0.8
0.6
IDD
(
μA)
02
6
4
2
−4
−2
0
mgr891
4
VDD (V)
frequency
deviation
(ppm)
Table 30.
Dynamic characteristics
VDD = 1.8 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C; fosc = 32.768 kHz; quartz Rs =40 k; CL = 8 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Oscillator
COSCO
capacitance on pin OSCO
15
25
35
pF
f
osc/fosc
relative oscillator frequency variation
V
DD =200 mV;
Tamb =25 C
-0.2
-ppm
Quartz crystal parameters (f = 32.768 kHz)
Rs
series resistance
-
-
100
k
CL
load capacitance
parallel
[1] 7
-
12.5
pF
Ctrim
trimmer capacitance
external;
on pin OSCI
5-
25
pF
CLKOUT output
CLKOUT
duty cycle on pin CLKOUT
[2] -50
-%
I2C-bus timing characteristics (see Figure 27)[3][4]
fSCL
SCL clock frequency
[5] -
-
400
kHz
tHD;STA
hold time (repeated) START condition
0.6
-
-
s
tSU;STA
set-up time for a repeated START condition
0.6
-
-
s
tLOW
LOW period of the SCL clock
1.3
-
-
s
tHIGH
HIGH period of the SCL clock
0.6
-
-
s
tr
rise time of both SDA and SCL signals
standard-mode
-
-
1
s
fast-mode
-
-
0.3
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com