Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8563_V01 Datasheet HTML 29Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 30Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 31Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 32Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 33Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 34Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 35Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 36Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
33 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
15. Package outline
Fig 29. Package outline SOT650-1 (HVSON10) of PCF8563BS
0.5
0.2
1
0.05
0.00
A1
Eh
b
UNIT
D(1)
y
e
2
e1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
3.1
2.9
cDh
1.75
1.45
y1
3.1
2.9
2.55
2.15
0.30
0.18
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT650-1
MO-229
- - -
- - -
E(1)
0.55
0.30
L
0.1
v
0.05
w
0
2 mm
1
scale
SOT650-1
HVSON10: plastic thermal enhanced very thin small outline package; no leads;
10 terminals; body 3 x 3 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
Dh
Eh
e
L
10
5
1
6
D
E
y1 C
C
B
A
01-01-22
02-02-08
terminal 1
index area
terminal 1
index area
X
e1
b
A
C
C
B
v M
w M
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com