Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF8563_V01 Datasheet HTML 36Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 37Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 38Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 39Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 40Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 41Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 42Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 43Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
40 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
20. Revision history
Table 34.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCF8563 v.11
20151026
Product data sheet
-
PCF8563 v.10
Modifications:
• Removed DIP8 package
• Table 3: Corrected Table note 1
• Table 28, Table note 4: Corrected “the devices have to be stored” to “the devices should be
stored”
• Table 29:
– Deleted Table note 1 from VDD fSCL = 400 kHz
– VIL: Corrected VSS to 0.5
– VIH: Corrected VDD to 5.5
– Corrected Table note 1
PCF8563 v.10
20120403
Product data sheet
-
PCF8563 v.9
Modifications:
• Adjusted marking codes
• Adjusted text for FE = 0 in Table 22
PCF8563 v.9
20110616
Product data sheet
-
PCF8563 v.8
PCF8563 v.8
20101118
Product data sheet
-
PCF8563 v.7
PCF8563 v.7
20100723
Product data sheet
-
PCF8563_6
PCF8563_6
20080221
Product data sheet
-
PCF8563_5
PCF8563_5
20070717
Product data sheet
-
PCF8563-04
PCF8563-04
(9397 750 12999)
20040312
Product data
-
PCF8563-03
PCF8563-03
(9397 750 11158)
20030414
Product data
-
PCF8563-02
PCF8563-02
(9397 750 04855)
19990416
Product data
-
PCF8563_N_1
PCF8563_N_1
(9397 750 03282)
19980325
Objective specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com