Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TMX/NOPB.B Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3535TMX/NOPB.B
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535TMX/NOPB.B Datasheet(HTML) 2 Page - Texas Instruments

  LM3535TMX/NOPB.B Datasheet HTML 1Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 2Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 3Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 12
7.5
Programming........................................................... 12
8
Application and Implementation ........................ 19
8.1
Application Information............................................ 19
8.2
Typical Application ................................................. 19
9
Power Supply Recommendations ...................... 28
10
Layout................................................................... 29
10.1
Layout Guidelines ................................................. 29
10.2
Layout Example .................................................... 29
11
Device and Documentation Support ................. 30
11.1
Receiving Notification of Documentation Updates 30
11.2
Community Resources.......................................... 30
11.3
Trademarks ........................................................... 30
11.4
Electrostatic Discharge Caution ............................ 30
11.5
Glossary ................................................................ 30
12
Mechanical, Packaging, and Orderable
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (May 2013) to Revision B
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description, Device Functional Modes,
Application and Implementation, Power Supply Recommendations , Layout , Device and Documentation Support ,
and Mechanical, Packaging, and Orderable Information ....................................................................................................... 1
•
Deleted references to "ALS2" option ..................................................................................................................................... 1
•
Changed ALS resistor accuracy values from –5% and 5% to –9% and 9% ......................................................................... 6
Changes from Original (May 2013) to Revision A
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com