Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TMX/NOPB.B Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3535TMX/NOPB.B
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535TMX/NOPB.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3535TMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
C1+
C1-
C2+
C2-
1.25 V
Ref.
Soft
Start
1.3 MHz.
Switch
Frequency
VIN
LM3535
2.7V to 5.5V
3/2X and 1X
Regulated Charge Pump
GroupA Current Sinks
GroupB
Current
Sinks
D1C Current
Sink
GAIN
CONTROL
Brightness
Control
Brightness
Control
I
2C Interface
Block
General Purpose Register
Brightness Control Registers
Group A and Group B
Brightness
Control
Brightness Control Register
D1C
RSET
SDIO
SCL
D1A
D2A
D3A
D4A
D62
D1B/INT
D1C/ALS
D53
CIN
HWEN
VOUT
PWM
COUT
1 PF
ALS
VIO
INT
OR
1 PF
1 PF
GND
1 PF
10
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM3535 is a white LED driver system based upon an adaptive 3/2× – 1× CMOS charge pump capable of
supplying up to 200 mA of total output current. With three separately controlled groups of constant current sinks,
the LM3535 is an ideal solution for platforms requiring a single white LED driver IC for main display, sub display,
and indicator lighting. The tightly matched current sinks ensure uniform brightness from the LEDs across the
entire small-format display.
Each LED is configured in a common anode configuration, with the peak drive current set to 25 mA. An I2C
compatible interface is used to enable the device and vary the brightness within the individual current sink
Groups. For GroupA, 128 exponentially-spaced analog brightness control levels are available. GroupB and
GroupC have 8 linearly-spaced analog brightness levels.
Additionally, the LM3535 provides 1 inputfor an ambient light sensor to adaptively adjust the diode current based
on ambient conditions, and a PWM pin to allow the diode current to be pulse width modulated to work with a
display driver utilizing dynamic or content adjusted backlight control (DBC or CABC).
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com