Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TMX/NOPB.B Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3535TMX/NOPB.B
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535TMX/NOPB.B Datasheet(HTML) 4 Page - Texas Instruments

  LM3535TMX/NOPB.B Datasheet HTML 1Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 2Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 3Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/ Distributors for availability and
specifications. All voltages are with respect to the potential at the GND pins.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typical) and
disengages at TJ = 125°C (typical).
(5)
For detailed soldering specifications and information, see Texas Instruments Application Report AN-1112 DSBGA Wafer Level Chip
Scale Package.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
VIN pin voltage
–0.3
6
V
SCL, SDIO, HWEN, PWM pin voltages
–0.3
(VIN + 0.3 V) with 6 V
maximum
V
IDxx pin voltages
–0.3
(VVOUT + 0.3 V) with 6 V
maximum
V
Continuous power dissipation(4)
Internally limited
Junction temperature, tJ-MAX
150
°C
Maximum lead temperature (soldering)
See(5)
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-kΩ resistor into each pin. (MIL-STD-883 3015.7).
6.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Recommended Operating Ratings are
conditions under which operation of the device is ensured. Recommended Operating Ratings do not imply ensured performance limits.
For ensured performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
110°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
device/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Input voltage
2.7
5.5
V
LED voltage
2
4
V
Junction temperature, TJ
–30
110
°C
Ambient temperature, TA
(3)
–30
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com