Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TMX/NOPB.B Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3535TMX/NOPB.B
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535TMX/NOPB.B Datasheet(HTML) 5 Page - Texas Instruments

  LM3535TMX/NOPB.B Datasheet HTML 1Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 2Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 3Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 4Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM3535TMX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
LM3535
www.ti.com
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM3535
UNIT
YFQ (WCSP)
20 PINS
RθJA
Junction-to-ambient thermal resistance
70.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.6
°C/W
RθJB
Junction-to-board thermal resistance
16.7
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
16.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Minimum and maximum limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the
most likely norm.
(3)
CIN, CVOUT, C1, and C2 : Low-ESR surface-mount ceramic capacitors (MLCCs) used in setting electrical characteristics
(4)
For the two groups of current sinks on a part (GroupA and GroupB), the following are determined: the maximum sink current in the
group (MAX), the minimum sink current in the group (MIN), and the average sink current of the group (AVG). For each group, two
matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN)/AVG. The largest number of the two (worst case) is considered the
matching figure for the Group. The matching figure for a given part is considered to be the highest matching figure of the two Groups.
The typical specification provided is the most likely norm of the matching figure for all parts.
(5)
For each Dxxpin, headroom voltage is the voltage across the internal current sink connected to that pin. For Group A, B, and C current
sinks, VHRx = VOUT – VLED. If headroom voltage requirement is not met, LED current regulation will be compromised.
6.5 Electrical Characteristics
Typical limits are TA = 25°C, and minimum and maximum limits in apply over the full operating temperature range (–30°C to
+85°C). Unless otherwise specified: VIN = 3.6 V; VHWEN = VIN; VPWM = 0 V; VDxA = VDxB = VDxC = 0.4 V; GroupA = GroupB =
GroupC = full-scale current; ENxA, ENxB, ENxC bits = 1; 53A, 62A bits = 0; C1 = C2 = CIN = COUT= 1 µF.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDxx
Output current regulation
GroupA
2.7 V
≤ VIN ≤ 5.5 V
EN1A to EN4A = 1, 53A = 62A = 0, EN53
= EN62 = ENxB = ENxC = 0
4 LEDs in GroupA
23.6
(–5.6%)
25
26.3
(5.2%)
mA
(%)
2.7 V
≤ VIN ≤ 5.5 V
EN1A to EN4A = EN53 = EN62 = 1, 53A =
62A = 1, ENxB = ENxC = 0
6 LEDs in GroupA
23.2
(–7.2%)
25
26.3
5.2%
mA
(%)
Output current regulation
GroupB
2.7 V
≤ VIN ≤ 5.5 V
EN1B = EN53 = EN62 = 1, 53A = 62A = 0,
ENxA = ENC = 0
3 LEDs in GroupB
23.3
(–6.8%)
25
(+4%)
mA
(%)
Output current regulation
IDC
2.7 V
≤ VIN ≤ 5.5 V
ENC = 1, ENxA = ENxB = 0
23.8
(–4.8%)
25
26.8
(7.2%)
mA
(%)
Output current regulation
GroupA, GroupB, and GroupC
enabled
3.2 V
≤ VIN ≤ 5.5V
VLED = 3.6 V
25
DxA
mA
25
DxB
25
DxC
IDxx-
MATCH
LED current matching(4)
2.7 V
≤ VIN ≤ 5.5 V
GroupA (4
LEDs)
0.25%
2.4%
GroupA (6
LEDs)
0.55%
2.78
GroupB (3
LEDs)
0.25%
2.41%
VDxTH
VDxx 1x to 3/2x gain transition
threshold
VDxA and/or VDxB falling
130
mV
VHR
Current sink headroom voltage
requirement(5)
IDxx = 95% ×IDxx (nominal)
(IDxx (nominal) = 25 mA)
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com