Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCR Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # FCR
Description  Passive Components
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FCR Datasheet(HTML) 2 Page - TE Connectivity Ltd

  FCR Datasheet HTML 1Page - TE Connectivity Ltd FCR Datasheet HTML 2Page - TE Connectivity Ltd FCR Datasheet HTML 3Page - TE Connectivity Ltd FCR Datasheet HTML 4Page - TE Connectivity Ltd FCR Datasheet HTML 5Page - TE Connectivity Ltd FCR Datasheet HTML 6Page - TE Connectivity Ltd FCR Datasheet HTML 7Page - TE Connectivity Ltd FCR Datasheet HTML 8Page - TE Connectivity Ltd FCR Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Passive Components
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1309350
August 2007
tycoelectronics.com
passives.tycoelectronics.com
2
Introduction
Contents
Tyco Electronics is one of the major
business units of Tyco International Ltd.
(NYSE:TYC, LSE:TYI, BSX:TYC).
Headquartered in Harrisburg, Pennsylvania,
USA, Tyco Electronics is the world’s largest
passive electronic components manufacturer,
and a world leader in cutting-edge wireless
technologies, fibre optic active components,
and complete power systems. The company
has facilities located in 51 countries serving
customers in the aerospace, automotive,
computer, communications, consumer
electronics, industrial and power industries.
Tyco Electronics provides advanced
technology products from over thirty
well-known and respected product brands,
including Agastat, Alcoswitch, AMP,
AMP NETCONNECT, Buchanan, CII, CoEv,
Critchley, Elcon, Elo Touch Systems, HTS,
M/A-COM, Madison Cable, OEG, Potter &
Brumfield, Raychem, Schrack, Simel and
TDI Batteries.
Tyco Electronics’ product portfolio now
includes a comprehensive range of passive
components, including surface mount and
leaded resistors, trimmers, potentiometers,
PTC and NTC surface mount thermistors,
as well as a wide range of inductive products
covering wirewound, metal film surface
mount, ceramic and ferrite bead.
A range of SMD Capacitors, including Multi
Layer Ceramic (MLCC), Tantalum and
Aluminium Electrolytic completes the
Passive Components product portfolio.
The Holsworthy range of precision resistors
meets the requirement for economically
priced components for both industrial and
military applications. In SMD and leaded
packages, with tolerances down to 0.05%
and TCRs as low as 5ppm, the Holsworthy
range from Tyco Electronics delivers the
“Complete Precision Portfolio”.
For all trimming solutions, the Citec brand is
the ideal design partner where your circuit
requires sealed or unsealed trimmers from
just 2mm square. Multiturns for precision
trimming are available with 11 or 12 turn
setability. Further, Citec offers a prestigious
range of potentiometers, from single and
multiturn versions with cermet or carbon
elements, through to switched options with
shafts in either plastic or metal.
Sigma noise suppression and protection
inductor chips from Tyco Electronics can
help protect circuits in a variety of ways.
The range offers solutions for high power,
high speed, low frequency noise impedance
as well as temperature responsive resistors
in PTC and NTC. Sigma also encompasses
a wide range of wound, multilayered and
printed inductors in addition to noise
reduction bead inductors and through-hole
RF chokes.
CGS high power and high voltage resistors
are rated up to 100W with voltage proof to
50kV and are available in a wide variety of
package styles. High power and pulse
resistors in the CGS range are capable of
dissipating up to 25,000 Watts for
applications such as regenerative braking
and power supplies.
The Neohm range of commodity resistors
are available with SMD and Leaded devices.
This wide range of products compliments
and supports the Passives range available
from the Tyco Electronics portfolio.
Resistive Products
Page
Fixed - Surface Mount
3
Fixed - Leaded
4-5
Trimmers - Surface Mount
6
Trimmers - Leaded
7
Potentiometers - Leaded
8
Encoders - Leaded
9
Thermistors and Varistors
9
Inductive Products
Moulded
10
High Frequency
10
Inductive Products (cont)
Page
Ferrite Beads
10
Power - Surface Mount - Unshielded
11
Leaded - Unshielded
11
Power - Surface Mount - Shielded
12
Capacitive Products
Ceramic - Surface Mount
13
Tantalum - Surface Mount
13
Aluminium Electrolytic - Surface Mount
13
Colour Codes and E-Series Grid
14
Associated Products
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com