Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCR Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # FCR
Description  Passive Components
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FCR Datasheet(HTML) 4 Page - TE Connectivity Ltd

  FCR Datasheet HTML 1Page - TE Connectivity Ltd FCR Datasheet HTML 2Page - TE Connectivity Ltd FCR Datasheet HTML 3Page - TE Connectivity Ltd FCR Datasheet HTML 4Page - TE Connectivity Ltd FCR Datasheet HTML 5Page - TE Connectivity Ltd FCR Datasheet HTML 6Page - TE Connectivity Ltd FCR Datasheet HTML 7Page - TE Connectivity Ltd FCR Datasheet HTML 8Page - TE Connectivity Ltd FCR Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Product Type
High Voltage Thick Film High Voltage Thick Film
High Power Thick Film
High Power Thick Film
Thin Film Power
HB
HVR
BDS
MPC
MPR
Features
Dissipation up to 2W @ 70°C Up to 100 W Dissipation (in oil)
100W to 600W Dissipation
3W to 10W Dissipation
20W Dissipation (Heatsink)
1K to 1G Value Range
2K to 1G Value Range
R20 to 1M Value Range
1R0 to 200K Value Range
R22 to 51K Value Range
Tolerance down to 1%
Tolerances down to 1%
5% or 10% Tolerance
1% or 5% Tolerance
TO220 Package
Up to 15kV Voltage Rating
Up to 50KV Voltage Rating
TCR 150ppm/°C max.
TCR ±100ppm/°C max.
1% (E24), 5% (E12) Tolerances
Axial / Radial Options
Various Mounting Styles
Customised as Required
Radial Leads
TCR down to ±50ppm/°C
Product Type
Metal Film Precision
Metal Film Semi Precision
Standard Metal Film
Precision Wirewound
H4P / H4 / H8
R
LR
UPW
Features
0.25W to 1.0W Dissipation
0.25W Dissipation
0.25W to 0.75W Dissipation
0.15W to 0.5W Dissipation
1R0 to 10M Value Range
4R02 to 1M Value Range
R10 to 10M Value Range
R10 to 2M Value Range
Tolerances down to 0.05%
0.1% to 1% Tolerance
1%, 2% or 5% Tolerance
Tolerances down to 0.005%
TCR’s down to 5ppm/°C
TCR’s down to 15ppm/°C
TCR’s down to 10ppm/°C
TCR’s down to 1ppm/°C
Released to BS/CECC
E96 Value Grid
Taped Ammo Pack to IEC286-1
Low Inductance
Product Type
Carbon Film
Metal Oxide
Fusible
Metal Glaze
High Voltage Thick Film
CFR
RSS / ROX
FRN / SQF / FKN
RGP
HH / HJ
Features
0.25W to 2.0W Dissipation
0.5W to 7.0W Dissipation
1W to 10W Dissipation
0.25W to 4.0W Dissipation
0.5W to 6.0W Dissipation
1R0 to 10M Value Range
1R0 to 200K Value Range
R10 to 150R Value Range
1M to 10G Value Range
100K to 50G Value Range
2% or 5% Tolerance
±5% Tolerance
Axial or Radial Leaded
5% or 10% Tolerance
Tolerances down to 0.5%
Small Body Sizes Available
Axial Leaded
5% Tolerance
±0.005%/V Voltage Coefficient
TCR’s down to 25ppm/°C
Taped Ammo Pack to IEC286-1
Ammo Packed or Reeled
TCR 300ppm/°C max.
TCR 350ppm/°C max.
Axial Leaded
Passive Components
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1309350
August 2007
tycoelectronics.com
passives.tycoelectronics.com
4
Resistive Products, Fixed - Leaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com