Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCR Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # FCR
Description  Passive Components
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FCR Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button FCR Datasheet HTML 7Page - TE Connectivity Ltd FCR Datasheet HTML 8Page - TE Connectivity Ltd FCR Datasheet HTML 9Page - TE Connectivity Ltd FCR Datasheet HTML 10Page - TE Connectivity Ltd FCR Datasheet HTML 11Page - TE Connectivity Ltd FCR Datasheet HTML 12Page - TE Connectivity Ltd FCR Datasheet HTML 13Page - TE Connectivity Ltd FCR Datasheet HTML 14Page - TE Connectivity Ltd FCR Datasheet HTML 15Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Product Type
Power Chokes
3626
Features
Board Area from 7.5mm x 7.5mm
Values 10μH to 5,000μH
Current up to 4 Amps
Less than 4mm Height
2 Package Sizes
Product Type
Power Chokes
Power Chokes
Power Chokes
Power Chokes
Power Chokes
3621
3622
3623
3624
3625
Features
Board Area from 3mm x 2.8mm Board Area from 6.6mm x 4.5mm Board Area from 22mm x 15mm Board Area from 3.2mm x 1.6mm Board Area from 6mm x 6mm
Values 1μH to 15,000μH
Values 1μH to 10,000 μH
Values 0.8μH to 1,000μH
Values 0.12μH to 3,300μH
Values 1.5μH to 1,000μH
Current up to 9.5 Amps
Current up to 10 Amps
Current up to 16 Amps
Current up to 9 Amps
Current up to 7.2 Amps
Only 1.5mm Height
Less than 3mm Height
Less than 7mm Height
Less than 2mm Height
Less than 3mm Height
12 Package Styles
4 Package Sizes
2 Package Sizes
8 Package Sizes
3 Package Sizes
Product Type
Insulated
Leaded Axial
Leaded Radial
Moulded
SC 10 / 20 / 30
SC
SC
MSC
Features
0402 to 1812 and Arrays
4 Package SIzes
4 Package SIzes
2 Case Sizes
5R to 2K ohms impedance
Suited to Power Circuits
Suited to Power Circuits
0.1μH to 10mH Value (E12 Grid)
DC Current up to 6 Amps
Wide Value Range
Wide Value Range
DC Current up to 1.79 Amps
HS Signal Line, Digital Sound,
E12 Series Values
E12 Series Values
5% or 10% Tolerance
High Current, High Loss, etc
DC Current to 1.7A
DC Current to 5.6A
Dielectric Strength up to 1KV
11
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1309350
August 2007
tycoelectronics.com
passives.tycoelectronics.com
Passive Components
Inductive Products, Power, Surface Mount - Unshielded
Inductive Products, Leaded - Unshielded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com