Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCR Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # FCR
Description  Passive Components
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FCR Datasheet(HTML) 3 Page - TE Connectivity Ltd

  FCR Datasheet HTML 1Page - TE Connectivity Ltd FCR Datasheet HTML 2Page - TE Connectivity Ltd FCR Datasheet HTML 3Page - TE Connectivity Ltd FCR Datasheet HTML 4Page - TE Connectivity Ltd FCR Datasheet HTML 5Page - TE Connectivity Ltd FCR Datasheet HTML 6Page - TE Connectivity Ltd FCR Datasheet HTML 7Page - TE Connectivity Ltd FCR Datasheet HTML 8Page - TE Connectivity Ltd FCR Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Product Type
Low Ohmic
Low Ohmic
Low Ohmic
Power Wirewound
Power
RL73
TL / HL
SL
SP
SM
Features
0402 to 2512 Package Sizes
0.25W to 2.0W Dissipation
0.5W& 3.0W Dissipation
0.75W to 3.5W @ 25°C Dissipation
1W to 5W Dissipation
Values down to R10
R001 to 1R0 Value Range
R01 to R011 Value Range
R06 to 45K Value Range
R10 to 2M Value Range
Tolerances down to 1%
1% Tolerance
1% - 5% Tolerance
Tolerances down to 0.1%
1% or 5% Tolerances
TCR 100ppm/°C or 200ppm/°C
Down to TCR +50ppm/oC
Down to 4.7nH Inductance
TCR's down to 20ppm/°C
200ppm/°C Wire / 100ppm/°C Film
2512 E12 Grid in Distribution
Non Inductive Foil Element
4 Package Sizes
Suited to Pulse Applications
True Pick and Place Body Style
Product Type
Ultra Precision
Precision
Precision Thick Film
Precision
Precision
RN73
CPF
CPG
MRS
SU
Features
0402 to 1210 Package Sizes
0402 to 1206 Package Sizes
0603 to 1206 Package Sizes
4 x 0603 Resistors
0.125W to 0.50W
5R0 to 1M Value Range
5R1 to 1M Value Range
10R to 4M7 Value Range
10R to 330K Value Range
1R0 - 2M0 Value Range
0.01% Tolerance
Tolerances down to 0.1%
Tolerances down to 0.5%
Tolerances down to 0.1%
Tolerances down to 0.005%
TCR 10ppm/°C max.
TCR's down to 25ppm/°C
TCR's down to 50ppm/°C
TCR's down to 25ppm/°C
TCR's down to 10ppm/°C
0805-E96 Values in Distribution
E24 and E96 Value Grid
E24 and E96 Value Grid
1206 Real Estate
Available in E192 Value grid
Product Type
Commodity
High Ohmic
Fusible
Trimmable
Commodity
CRG / 3520
RH73
FCR
TCR
MCN
Features
0201 to 2512 Package Sizes
0402 to 2512 Package Sizes 0805 and 1206 Package Sizes 0805 and 2512 Package Sizes
2, 4, or 8 x 0603 Resistors
1R0 to 10M Value Range
10M to 100G Value Range
1R0 to 5IR Value Range
1R0 to 10M Value Range
10R to 1M Value Range
Tolerances down to 1% and 5%
Tolerances down to 2%
5% Tolerance
Trimming Ratios up to 3 Times
±1%, ±2% ±5% Tolerances
TCR ±200ppm/°C max.
TCR's down to 100ppm/°C
2.0W or 2.5W Fusing Power
TCR’s down to 100ppm/°C
TCR ±200ppm/°C max.
500 Volt Maximum Overload
Special Values Possible
30 Seconds Fusing Time
Up to 1W Dissipation
Concave or Convex Terminals
3
Specifications subject to change.
Dimensions are shown in mm
for reference purposes only.
Catalogue No. 1309350
August 2007
tycoelectronics.com
passives.tycoelectronics.com
Passive Components
Resistive Products, Fixed - Surface Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com