Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK02002 Datasheet(PDF) 16 Page - Texas Instruments

Part # LMK02002
Description  LMK02002 Precision Clock Conditioner with Integrated PLL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK02002 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMK02002 Datasheet HTML 12Page - Texas Instruments LMK02002 Datasheet HTML 13Page - Texas Instruments LMK02002 Datasheet HTML 14Page - Texas Instruments LMK02002 Datasheet HTML 15Page - Texas Instruments LMK02002 Datasheet HTML 16Page - Texas Instruments LMK02002 Datasheet HTML 17Page - Texas Instruments LMK02002 Datasheet HTML 18Page - Texas Instruments LMK02002 Datasheet HTML 19Page - Texas Instruments LMK02002 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LMK02002
SNAS418 – AUGUST 2007
www.ti.com
Table 2. Block Current Consumption
Power
Current
Power
Dissipated in
Block
Condition
Consumption at
Dissipated in
LVPECL emitter
3.3 V (mA)
device (mW)
resistors (mW)
Entire device,
All outputs off; No LVPECL emitter resistors connected
70
231
-
core current
Clock buffers
The low clock buffer is enabled anytime one of CLKout0
9
29.7
-
(internal)
through CLKout3 are enabled
LVPECL output, bypass mode (includes 120
Ω emitter
40
72
60
resistors)
LVPECL output, disabled mode (includes 120
Ω emitter
Output buffers
17.4
38.3
19.1
resistors)
LVPECL output, disabled mode. No emitter resistors
0
0
-
placed; open outputs
Divide enabled, divide = 2
5.3
17.5
-
Divide circuitry
per output
Divide enabled, divide > 2
8.5
28.0
-
Delay enabled, delay < 8
5.8
19.1
-
Delay circuitry per
output
Delay enabled, delay > 7
9.9
32.7
-
Entire device
CLKout0 & CLKout3 enabled in bypass mode
159
404.7
120
From Table 2 the current consumption can be calculated in any configuration. For example, the current for the
entire device with two LVPECL (CLKout0 and CLKout3) outputs in bypass mode can be calculated by adding up
the following blocks: core current, clock buffers, and two LVPECL output buffer currents. There will also be two
LVPECL outputs drawing emitter current, but some of the power from the current draw is dissipated in the
external 120
Ω resistors which doesn't add to the power dissipation budget for the device. If delays or divides are
switched in, then the additional current for these stages needs to be added as well.
For power dissipated by the device, the total current entering the device is multiplied by the voltage at the device
minus the power dissipated in any emitter resistors connected to any of the LVPECL outputs. If no emitter
resistors are connected to the LVPECL outputs, this power will be 0 watts. For example, in the case of two
LVPECL (CLKout0 and CLKout3) operating at 3.3 volts, we calculate 3.3 V × (70 + 9 + 40 + 40) mA = 3.3 V ×
159 mA = 524.7 mW. Because the LVPECL outputs have emitter resistors hooked up and the power dissipated
by these resistors is 60 mW for each clock, the total device power dissipation is 524.7 mW - 120 mW = 404.7
mW.
When an LVPECL output is active, ~1.9 V is the average voltage on each output as calculated from the LVPECL
VOH & VOL typical specification. Therefore the power dissipated in each emitter resistor is approximately (1.9 V)
2 /
120
Ω = 30 mW. When an LVPECL output is disabled, the emitter resistor voltage is ~1.07 V. Therefore the
power dissipated in each emitter resistor is approximately (1.07 V)2 / 120
Ω = 9.5 mW.
THERMAL MANAGEMENT
Power consumption of the LMK02002 can be high enough to require attention to thermal management. For
reliability and performance reasons the die temperature should be limited to a maximum of 125 °C. That is, as an
estimate, TA (ambient temperature) plus device power consumption times θJA should not exceed 125 °C.
The package of the device has an exposed pad that provides the primary heat removal path as well as excellent
electrical grounding to the printed circuit board. To maximize the removal of heat from the package a thermal
land pattern including multiple vias to a ground plane must be incorporated on the PCB within the footprint of the
package. The exposed pad must be soldered down to ensure adequate heat conduction out of the package. A
recommended land and via pattern is shown in Figure 3. More information on soldering WQFN packages can be
obtained at www.ti.com.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LMK02002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com