Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK02002 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMK02002
Description  LMK02002 Precision Clock Conditioner with Integrated PLL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK02002 Datasheet(HTML) 1 Page - Texas Instruments

  LMK02002 Datasheet HTML 1Page - Texas Instruments LMK02002 Datasheet HTML 2Page - Texas Instruments LMK02002 Datasheet HTML 3Page - Texas Instruments LMK02002 Datasheet HTML 4Page - Texas Instruments LMK02002 Datasheet HTML 5Page - Texas Instruments LMK02002 Datasheet HTML 6Page - Texas Instruments LMK02002 Datasheet HTML 7Page - Texas Instruments LMK02002 Datasheet HTML 8Page - Texas Instruments LMK02002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
OSCin
OSCin*
R Divider
Phase
Detector
N Divider
CLKout0
CLKout0*
CLKout1
CLKout1*
CLKout2
CLKout2*
CLKout3
CLKout3*
Divider
Delay
Mux
Divider
Delay
Mux
Divider
Delay
Mux
Divider
Delay
Mux
Distribution Path
CLK
DATA
LE
Control
Registers
PWire
Port
Device
Control
LD
GOE
SYNC*
CPout
Clock Buffers
Fin
Fin*
Charge
Pump
LMK02002
www.ti.com
SNAS418 – AUGUST 2007
LMK02002 Precision Clock Conditioner with Integrated PLL
Check for Samples: LMK02002
1
FEATURES
DESCRIPTION
The LMK02002 precision clock conditioner combines
2
•
20 fs Additive Jitter
the
functions
of
jitter
cleaning/reconditioning,
•
Integrated Integer-N PLL with Outstanding
multiplication, and distribution of a reference clock.
Normalized Phase Noise Contribution of -224
The device integrates a high performance Integer-N
dBc/Hz
Phase Locked Loop (PLL), and four LVPECL clock
output distribution blocks.
•
Clock Output Frequency Range of 1 to 800
MHz
Each
clock
distribution
block
includes
a
•
4 LVPECL Clock Outputs
programmable
divider,
a
phase
synchronization
circuit, a programmable delay, a clock output mux,
•
Dedicated Divider and Delay Blocks on Each
and an LVPECL output buffer. This allows multiple
Clock Output
integer-related and phase-adjusted copies of the
•
Pin Compatible Family of Clocking Devices
reference
to
be
distributed
to
eight
system
•
3.15 to 3.45 V Operation
components.
•
Package: 48 Pin WQFN (7.0 x 7.0 x 0.8 mm)
The clock conditioner comes in a 48-pin WQFN
package and is footprint compatible with other
TARGET APPLICATIONS
clocking devices in the same family.
•
Data Converter Clocking
•
Networking, SONET/SDH, DSLAM
•
Wireless Infrastructure
•
Medical
•
Test and Measurement
•
Military / Aerospace
Functional Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMK02002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
Precision Clock Conditioner with Integrated PLL
logo
Texas Instruments
LMK02002 TI1-LMK02002 Datasheet
813Kb / 22P
Precision Clock Conditioner
logo
National Semiconductor ...
LMK02002ISQ NSC-LMK02002ISQ Datasheet
418Kb / 18P
Precision Clock Conditioner with Integrated PLL
logo
Texas Instruments
LMK02002ISQ/NOPB TI1-LMK02002ISQ/NOPB Datasheet
813Kb / 22P
Precision Clock Conditioner
logo
National Semiconductor ...
LMK02002ISQX NSC-LMK02002ISQX Datasheet
418Kb / 18P
Precision Clock Conditioner with Integrated PLL
More results

Similar Description - LMK02002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
Precision Clock Conditioner with Integrated PLL
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
Precision Clock Conditioner with Integrated VCO
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
Precision Clock Conditioner with Integrated PLL
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
Precision Clock Conditioner with Integrated VCO
LMK03200 NSC-LMK03200 Datasheet
819Kb / 40P
Precision 0-Delay Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
Precision Clock Conditioner with Integrated VCO
LMK03002C NSC-LMK03002C_14 Datasheet
2Mb / 28P
Precision Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK03200 TI1-LMK03200_14 Datasheet
1Mb / 50P
Family Precision 0-Delay Clock Conditioner with Integrated VCO
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
Precision Clock Conditioner with Dual PLLs and Integrated VCO
LMK03002 TI1-LMK03002 Datasheet
934Kb / 39P
Precision Clock Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com