Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK02002 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMK02002
Description  LMK02002 Precision Clock Conditioner with Integrated PLL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK02002 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMK02002 Datasheet HTML 5Page - Texas Instruments LMK02002 Datasheet HTML 6Page - Texas Instruments LMK02002 Datasheet HTML 7Page - Texas Instruments LMK02002 Datasheet HTML 8Page - Texas Instruments LMK02002 Datasheet HTML 9Page - Texas Instruments LMK02002 Datasheet HTML 10Page - Texas Instruments LMK02002 Datasheet HTML 11Page - Texas Instruments LMK02002 Datasheet HTML 12Page - Texas Instruments LMK02002 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LMK02002
www.ti.com
SNAS418 – AUGUST 2007
When an LVPECL output is in the Off state, the outputs are at a voltage of approximately 1 volt.
GLOBAL OUTPUT ENABLE AND LOCK DETECT
The GOE pin provides an internal pull-up resistor. If it is not terminated externally, the clock output states are
determined by the Clock Output Enable bits (CLKoutX_EN) and the EN_CLKout_Global bit.
By programming the PLL_MUX register to Digital Lock Detect Active High (See PLL_MUX[3:0] -- Multiplexer
Control for LD Pin), the Lock Detect (LD) pin can be connected to the GOE pin in which case all outputs are set
low automatically if the synthesizer is not locked.
POWER ON RESET
When supply voltage to the device increases monotonically from ground to Vcc, the power on reset circuit sets
all registers to their default values, see RESET bit -- R0 only for more information on default register values.
Voltage should be applied to all Vcc pins simultaneously.
General Programming Information
The LMK02002 device is programmed using several 32-bit registers which control the device's operation. The
registers consist of a data field and an address field. The last 4 register bits, ADDR[3:0] form the address field.
The remaining 28 bits form the data field DATA[27:0].
During programming, LEuWire is low and serial data is clocked in on the rising edge of clock (MSB first). When
LEuWire goes high, data is transferred to the register bank selected by the address field. Only registers R0 to
R7, R11, R14, and R15 need to be programmed for proper device operation.
It is required to program register R14.
RECOMMENDED PROGRAMMING SEQUENCE
The recommended programming sequence involves programming R0 with the reset bit set (RESET = 1) to
ensure the device is in a default state. It is not necessary to program R0 again. Registers are programmed in
order with R15 being the last register programmed. An example programming sequence is shown below.
•
Program R0 with the reset bit set (RESET = 1). This ensures the device is in a default state.
•
Program R4 to R7 as necessary with desired clocks with appropriate enable, mux, divider, and delay settings.
•
Program R11 with DIV4 setting if necessary.
•
Program R14 with global clock output bit, power down setting, PLL mux setting, and PLL R divider. It is
required to program register R14.
–
R14 must be programmed in accordance with the register map as shown in the register map (see
Table 1).
•
Program R15 with PLL charge pump gain, and PLL N divider.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMK02002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com