Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK02002 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMK02002
Description  LMK02002 Precision Clock Conditioner with Integrated PLL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK02002 Datasheet(HTML) 2 Page - Texas Instruments

  LMK02002 Datasheet HTML 1Page - Texas Instruments LMK02002 Datasheet HTML 2Page - Texas Instruments LMK02002 Datasheet HTML 3Page - Texas Instruments LMK02002 Datasheet HTML 4Page - Texas Instruments LMK02002 Datasheet HTML 5Page - Texas Instruments LMK02002 Datasheet HTML 6Page - Texas Instruments LMK02002 Datasheet HTML 7Page - Texas Instruments LMK02002 Datasheet HTML 8Page - Texas Instruments LMK02002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
47
48
46
45
44
43
42
41
40
39
38
37
11
12
10
9
8
7
6
5
4
3
2
1
14
13
15
16
17
18
19
20
21
22
23
24
26
25
27
28
29
30
31
32
33
34
35
36
GND
NC
Vcc1
Vcc2
Vcc7
Vcc8
Vcc9
Vcc10
CLKuWire
DATAuWire
LEuWire
NC
LDObyp1
LDObyp2
GOE
LD
GND
SYNC*
OSCin
OSCin*
CPout
Fin
Fin*
Bias
DAP
WQFN-48
Top Down View
LMK02002
SNAS418 – AUGUST 2007
www.ti.com
Connection Diagram
Figure 1. 48-Pin WQFN Package
Pin Descriptions
Pin #
Pin Name
I/O
Description
1, 25
GND
-
Ground
2, 7, 14, 15, 17, 18, 20,
NC
-
No Connection to these pins
21, 23, 24
3, 8, 13, 16, 19, 22, 26,
Vcc1, Vcc2, Vcc3, Vcc4, Vcc5, Vcc6, Vcc7, Vcc8,
-
Power Supply
30, 31, 33, 37, 40, 43, 46
Vcc9, Vcc10, Vcc11, Vcc12, Vcc13, Vcc14
4
CLKuWire
I
MICROWIRE Clock Input
5
DATAuWire
I
MICROWIRE Data Input
6
LEuWire
I
MICROWIRE Latch Enable Input
9, 10
LDObyp1, LDObyp2
-
LDO Bypass
11
GOE
I
Global Output Enable
12
LD
O
Lock Detect and Test Output
27
SYNC*
I
Global Clock Output Synchronization
28, 29
OSCin, OSCin*
I
Oscillator Clock Input; Must be AC coupled
32
CPout
O
Charge Pump Output
34, 35
Fin, Fin*
I
Frequency Input; Must be AC coupled
36
Bias
I
Bias Bypass
38, 39
CLKout0, CLKout0*
O
LVPECL Clock Output 0
41, 42
CLKout1, CLKout1*
O
LVPECL Clock Output 1
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LMK02002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com