Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2204 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2204
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2204 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2204 Datasheet HTML 1Page - Diodes Incorporated AP2204 Datasheet HTML 2Page - Diodes Incorporated AP2204 Datasheet HTML 3Page - Diodes Incorporated AP2204 Datasheet HTML 4Page - Diodes Incorporated AP2204 Datasheet HTML 5Page - Diodes Incorporated AP2204 Datasheet HTML 6Page - Diodes Incorporated AP2204 Datasheet HTML 7Page - Diodes Incorporated AP2204 Datasheet HTML 8Page - Diodes Incorporated AP2204 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AP2204
Document number: DS37168 Rev. 5 - 2
5 of 18
www.diodes.com
July 2018
© Diodes Incorporated
AP2204
Electrical Characteristics (@VIN = VOUT+1V, TJ = +25°C, IOUT = 100µA, CIN = 1.0µF, COUT = 2.2µF, Bold typeface applies over -
40°C
≤
TJ ≤ +125°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
Variation from Specified VOUT
VOUT
98%
—
VOUT
102%
V
VREF
Reference Voltage
—
1.215
1.24
1.265
V
VIN
Input Voltage
—
—
—
24
V
IOUT(max)
Maximum Output Current
VIN-VOUT = 1V, VOUT = 98%VOUT
150
200
—
mA
VOUT/VIN
Line Regulation
VOUT+1V ≤VIN ≤24V
—
0.05
—
%
VOUT/VOUT
Load Regulation
1mA
≤
IOUT ≤150mA
—
0.5
—
%
VDROP
Dropout Voltage
IOUT = 100µA
—
100
150
mV
IOUT = 50mA
—
270
350
IOUT = 100mA
—
320
460
IOUT = 150mA
—
360
500
IGND
Ground Current
IOUT = 0A
—
20
—
µA
IOUT = 100µA
—
50
—
IOUT = 50mA
—
0.5
—
mA
IOUT = 100mA
—
1.3
—
IOUT = 150mA
—
2.5
—
ISTD
Standby Current
VIN = VOUT+1V
VEN in OFF Mode
—
0.01
1.0
µA
PSRR
Power Supply Rejection Ration
Ripple 0.5VP-P
VIN = VOUT+1V
f = 100Hz
—
60
—
dB
f = 1kHz
—
60
—
∆VOUT/(VOUT∆T)
Output Voltage Temperature
Coefficient
IOUT = 100µA,
-40 °C
≤TJ ≤+125°C
—
100
—
ppm/°C
VNOI
RMS Output Noise
TJ = +25°C, 10Hz ≤ f ≤ 100kHz
—
30
—
µVrms
IADJ
ADJ Pin Current
IOUT = 100µA
—
0.5
—
µA
IEN
EN Pin Current
VEN = VOUT+1V
—
1
—
µA
—
EN
“High” Voltage
EN
Input Voltage “High”
2.0
—
—
V
—
EN
“Low” Voltage
EN
Input Voltage “Low”
—
—
0.4
V
θJC
Thermal Resistance
(Junction to Case)
SOT-23-5
—
43
—
°C/W
SOT-89
—
27
—
PSOP-8
—
22
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com