Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2204 Datasheet (PDF) - Diodes Incorporated

AP2204 Datasheet PDF - Diodes Incorporated
Part # AP2204
Download  AP2204 Download
File Size   796.35 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR

AP2204 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2204 Datasheet PDF - Diodes Incorporated

Part # AP2204
Download  AP2204 Click to download

File Size   796.35 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR

AP2204 Datasheet (HTML) - Diodes Incorporated


AP2204 Product details

Description
The AP2204 series is a positive voltage regulator IC fabricated by high voltage EPNP process.
The AP2204 has features of wide input voltage range, high accuracy, high ripple rejection, low dropout voltage, low noise, current limit and ultra-low quiescent current which make it ideal for use in various USB and portable devices.
The IC consists of a voltage reference, an error amplifier, a resistor network for setting output voltage, a current limit circuit for current protection, and a chip enable circuit.
The AP2204 has 1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 5.0V fixed voltage versions and adjustable voltage version.
The AP2204 is available in space-saving SOT-23-5, SOT-89 and PSOP-8 packages.

Features
 Wide Input Voltage Range: 2.6V to 24V
 Wide Output Voltage Range: 1.24V to 22V
 Excellent Ripple Rejection: 60dB@ f = 1kHz
 Low Dropout Voltage: VDROP = 100mV@ IOUT = 100μA
 Low Ground Current
 High Output Voltage Accuracy
 Compatible with Low ESR Ceramic Capacitor
 Excellent Line/Load Regulation
 Thermal Shutdown Function
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 Battery-powered Equipment
 Laptop, Palmtops, Notebook Computers
 Portable Information Appliances




Similar Part No. - AP2204

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204K-1.5TRG1 BCDSEMI-AP2204K-1.5TRG1 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
TECH PUBLIC Electronics...
AP2204K-1.5TRG1 TECHPUBLIC-AP2204K-1.5TRG1 Datasheet
3Mb / 6P
WIDE INPUT VOLTAGE RANGE, LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2204K-1.8TRG1 BCDSEMI-AP2204K-1.8TRG1 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
TECH PUBLIC Electronics...
AP2204K-1.8TRG1 TECHPUBLIC-AP2204K-1.8TRG1 Datasheet
3Mb / 6P
WIDE INPUT VOLTAGE RANGE, LDO REGULATOR
More results


Similar Description - AP2204

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com