Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2204 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2204
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2204 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2204 Datasheet HTML 6Page - Diodes Incorporated AP2204 Datasheet HTML 7Page - Diodes Incorporated AP2204 Datasheet HTML 8Page - Diodes Incorporated AP2204 Datasheet HTML 9Page - Diodes Incorporated AP2204 Datasheet HTML 10Page - Diodes Incorporated AP2204 Datasheet HTML 11Page - Diodes Incorporated AP2204 Datasheet HTML 12Page - Diodes Incorporated AP2204 Datasheet HTML 13Page - Diodes Incorporated AP2204 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AP2204
Document number: DS37168 Rev. 5 - 2
10 of 18
www.diodes.com
July 2018
© Diodes Incorporated
AP2204
Ordering Information
AP2204 X - X X X
Packing
Package
TR : Tape & Reel
Product Name
K : SOT-23-5
Output Voltage
ADJ : Adjustable Output
RoHS/Green
1.5 : Fixed Output 1.5V
3.0 : Fixed Output 3.0V
R/RA/RB : SOT-89
G1 : RoHS Compliant
and Green
1.8 : Fixed Output 1.8V
2.5 : Fixed Output 2.5V
2.8 : Fixed Output 2.8V
MP : PSOP-8
3.3 : Fixed Output 3.3V
5.0 : Fixed Output 5.0V
Package
Temperature Range
Output Voltage
Part Number
Marking ID
Packing
SOT-23-5
-40 to +85°C
ADJ
AP2204K-ADJTRG1
GAF
3000/7
” Tape & Reel
1.5V
AP2204K-1.5TRG1
GBH
3000/7
” Tape & Reel
1.8V
AP2204K-1.8TRG1
GAG
3000/7
” Tape & Reel
2.5V
AP2204K-2.5TRG1
GAD
3000/7
” Tape & Reel
2.8V
AP2204K-2.8TRG1
GAE
3000/7
” Tape & Reel
3.0V
AP2204K-3.0TRG1
GEF
3000/7
” Tape & Reel
3.3V
AP2204K-3.3TRG1
GAH
3000/7
” Tape & Reel
5.0V
AP2204K-5.0TRG1
GAI
3000/7
” Tape & Reel
SOT-89
-40 to +85°C
1.5V (R)
AP2204R-1.5TRG1
G22C
1000/7
” Tape & Reel
1.8V (R)
AP2204R-1.8TRG1
G31C
1000/7
” Tape & Reel
2.5V (R)
AP2204R-2.5TRG1
G22D
1000/7
” Tape & Reel
2.8V (R)
AP2204R-2.8TRG1
G22E
1000/7
” Tape & Reel
3.0V (R)
AP2204R-3.0TRG1
G22F
1000/7
” Tape & Reel
3.3V (R)
AP2204R-3.3TRG1
G31D
1000/7
” Tape & Reel
5.0V (R)
AP2204R-5.0TRG1
G31E
1000/7
” Tape & Reel
SOT-89
-40 to +85°C
3.3V (RA)
AP2204RA-3.3TRG1
G37O
1000/7
” Tape & Reel
5.0V (RA)
AP2204RA-5.0TRG1
G41O
1000/7
” Tape & Reel
SOT-89
-40 to +85°C
3.3V (RB)
AP2204RB-3.3TRG1
G37R
1000/7
” Tape & Reel
5.0V (RB)
AP2204RB-5.0TRG1
G41R
1000/7
” Tape & Reel
PSOP-8
-40 to +85°C
ADJ
AP2204MP-ADJTRG1
2204MP-ADJG1
4000/13
” Tape &
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com