Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2204 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP2204
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2204 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP2204 Datasheet HTML 7Page - Diodes Incorporated AP2204 Datasheet HTML 8Page - Diodes Incorporated AP2204 Datasheet HTML 9Page - Diodes Incorporated AP2204 Datasheet HTML 10Page - Diodes Incorporated AP2204 Datasheet HTML 11Page - Diodes Incorporated AP2204 Datasheet HTML 12Page - Diodes Incorporated AP2204 Datasheet HTML 13Page - Diodes Incorporated AP2204 Datasheet HTML 14Page - Diodes Incorporated AP2204 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AP2204
Document number: DS37168 Rev. 5 - 2
11 of 18
www.diodes.com
July 2018
© Diodes Incorporated
AP2204
Marking Information
(1)
SOT-23-5
(Top View)
XXX
(2)
SOT-89
(Top View)
(Top View)
(3)
PSOP-8
(Top View)
: Logo
XXX: Marking ID (See Ordering Information)
First Line: Logo and Marking ID
(See Ordering Information)
First and Second Lines: Logo and Marking ID
(See Ordering Information)
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch Number
2204MP
-ADJG1
YWWAXX
1
2
3
2
3
1
XXXX
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com