Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958TL/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LP3958TL/NOPB
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3958TL/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3958TL/NOPB Datasheet HTML 11Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 12Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 13Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 14Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 15Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 16Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 17Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 18Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
LP3958
www.ti.com
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
Switch Mode / Constant Current Mode
Each keypad LED output can be set to act as a switch or a constant current sink. Selection of mode is done with
the CC_SW bit in the Control Register. If bit is set high, then the switch mode is selected. Default is switch mode.
1. SWITCH MODE
In switch mode, the keypad LED outputs are low ohmic switches to ground. Resistance is typically 3.5
Ω.
External ballast resistors must be used to limit the current through the LED.
2. CONSTANT CURRENT MODE
In constant current mode, the maximum output current is defined with a single external resistor (RKEY) and the
maximum current control register (address 02H).
KEYPAD MAX CURRENT REGISTER (02H)
Name
Bit
Description
IK1[1:0]
5:4
KEY1 maximum current
IK2[1:0]
3:2
KEY2 maximum current
IK3[1:0]
1:0
KEY3 maximum current
Maximum current for each LED output is adjusted with the Keypad max current register in following way:
IK1[1:0], IK2[1:0], IK3[1:0]
Maximum current / output
00
0.25 x IMAX
01
0.50 x IMAX
10
0.75 x IMAX
11
1.00 x IMAX
External ballast resistors are not needed in this mode. The maximum current for all keypad LED drivers is set
with RKEY. The equation for calculating the maximum current is:
IMAX = 100 × 1.23V / (RKEY + 50 Ω)
where
•
IMAX = maximum KEY current in any KEY output (during constant current mode)
•
1.23V = reference voltage
•
100 = internal current mirror multiplier
•
RKEY = resistor value in Ohms
•
50
Ω = Internal resistor in the IKEY input
(3)
Table with example resistance values and corresponding output currents:
Maximum current / output IMAX
KEY resistor RKEY (kΩ)
(mA)
8.2
14.9
9.1
13.4
10
12.2
12
10.2
15
8.2
18
6.8
24
5.1
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com