Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958TL/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LP3958TL/NOPB
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3958TL/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3958TL/NOPB Datasheet HTML 12Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 13Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 14Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 15Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 16Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 17Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 18Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 19Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
main[7:0]
en_main
8-Bit IDAC
en_main_pwm
External PWM
&
MAIN
VBOOST
LP3958
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
Note that the LED output requires a minimum saturation voltage in order to act as a true constant current sink.
The saturation voltage minimum is typically 100mV. If the LED output voltage drops below 100mV, then the
current will decrease significantly.
External PWM Control
The GPIO[0]/PWM pin can be used to control the KEY output. PWM function for the pin is selected by writing
EN_PWM_PIN high in GPIO control register (address 06H). Note, that EN_KEYP bit must be set high. Each LED
output can be enabled with K1SW, K2SW and K3SW bits. EN_EXT_K1_PWM, EN_EXT_K2_PWM and
EN_EXT_K3_PWM bits are used to select, which LED outputs are controlled with the external PWM input. Note
that polarity of external PWM control is active high i.e. when high, then LED output is enabled. If KEYP_PWM is
set low, then each selected LED output is controlled directly with external PWM input. If KEYP_PWM is set high,
then internal PWM control is modulated by the external PWM input. In latter case, internal PWM control is
passed to LED when external PWM input is high.
Keypad LEDs Driver Performance Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ILEAKAGE
KEY1, KEY2, KEY3 pin leakage current
1
µA
IMAX(KEY)
Maximum recommended sink current(1)
CC mode
15
mA
SW mode
60
mA
Accuracy at 15mA
CC mode
5
%
Current mirror ratio
CC mode
1:100
KEY current matching error
IKEY set to 15mA, CC mode
3
%
RSW
Switch resistance
SW mode
3.5
Ω
ƒKEY
KEY internal PMW switching frequency
Accuracy same as internal clock
20
kHz
frequency accuracy
VSAT
Saturation voltage (current drop 10%)
IKEY set to 15mA
100
500
mV
(1)
KEY current should be limited as follows:
constant current mode – limited by external RKEY resistor
switch mode – limited by external ballast resistors
Backlight Drivers
LP3958 has 2 independent backlight drivers. Both drivers are regulated constant current sinks. LED current for
both LED strings are controlled by the 8-bit current mode DACs with 0.1 mA step. MAIN and SUB LEDs can be
also controlled with one DAC (MAIN) for better matching allowing the use of larger displays having up to 8 white
LEDs by setting DISPL bit to 1.
Figure 16. MAIN output for 4 LEDs (DISPL = 0)
16
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com