Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958TL/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LP3958TL/NOPB
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3958TL/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP3958TL/NOPB Datasheet HTML 16Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 17Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 18Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 19Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 20Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 21Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 22Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 23Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
SCL
SDA
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
LP3958
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
GPIO DATA (07H)
Name
Bit
Description
DATA[2:0]
2:0
Data bits
GPIO control register is used to set the direction of each GPIO pin. For example, by setting OEN0 bit high the
GPIO[0]/PWM pin acts as a logic output pin with data defined DATA0 in GPIO data register. Note, that the
EN_PWM_PIN bit overrides OEN0 state by forcing GPIO[0]/PWM to act as PWM input. GPIO[1] and GPIO[2]
pins can be selected to be inputs or outputs, defined by OEN1 and OEN2 bit status. PWM functionality is valid
only for GPIO[0]/PWM pin. GPIO data register contains the data of GPIO pins. When output direction is selected
to GPIO pin, then GPIO data register defines the output pin state. When GPIO data register is read, it contains
the state of the pin despite of the pin direction.
Table 4. Logic Interface Characteristics(VDDIO = 1.65V...VDD1,2 unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
LOGIC INPUT SCL, SDA, GPIO[0:2]
VIL
Input Low Level
0.2×VDDIO
V
VIH
Input High Level
0.8×VDDIO
V
II
Logic Input Current
−1.0
1.0
µA
fSCL
Clock Frequency
400
kHz
LOGIC INPUT NRST
VIL
Input Low Level
0.5
V
VIH
Input High Level
1.2
V
II
Input Current
-1.0
1.0
µA
tNRST
Reset Pulse Width
10
µs
LOGIC OUTPUT SDA
VOL
Output Low Level
ISDA = 3mA
0.3
0.5
V
VOH
Output High Level
ISDA = -3mA
VDDIO − 0.5
VDDIO − 0.3
IL
Output Leakage Current
VSDA = 2.8V
1.0
µA
LOGIC OUTPUT GPIO[0:2]
VOL
Output Low Level
IGPIO = 3 mA
0.3
0.5
V
VOH
Output High Level
IGPIO = −3 mA
VDDIO − 0.5
VDDIO − 0.3
V
IL
Output Leakage Current
VGPIO = 2.8V
1.0
µA
I
2C Compatible Interface
I2C SIGNALS
The SCL pin is used for the I2C clock and the SDA pin is used for bidirectional data transfer. Both these signals
need a pull-up resistor according to I2C specification.
I2C DATA VALIDITY
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, state of
the data line can only be changed when CLK is LOW.
Figure 22. I2C Signals: Data Validity
20
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com