Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958TL/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LP3958TL/NOPB
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3958TL/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP3958TL/NOPB Datasheet HTML 20Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 21Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 22Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 23Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 24Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 25Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 26Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 27Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
LP3958
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
INDUCTOR, L1
A 10uH shielded inductor is suggested for LP3958 boost converter. The inductor should have a saturation
current rating higher than the rms current it will experience during circuit operation (600mA). Less than 300m
Ω
ESR is suggested for high efficiency and sufficient output current. Open core inductors cause flux linkage with
circuit components and interfere with the normal operation of the circuit. This should be avoided. For high
efficiency, choose an inductor with a high frequency core material such as ferrite to reduce the core losses. To
minimize radiated noise, use a toroid, pot core or shielded core inductor. The inductor should be connected to
the SW pin as close to the IC as possible. Examples of suitable inductors are: TDK VLF4012AT-100MR79,
VLF4018BT-100MR90, VLF5014AT-100MR92, Coilcraft LPS4018-103ML.
LIST OF RECOMMENDED EXTERNAL COMPONENTS
Symbol
Symbol Explanation
Value
Unit
Type
CVDD
C between VDD1,2 and GND
100
nF
Ceramic, X7R / X5R
CVDDIO
C between VDDIO and GND
100
nF
Ceramic, X7R / X5R
CVDDA
C between VDDA and GND
1
µF
Ceramic, X7R / X5R
C between FB and GND
2 x 4.7 or 1 x
µF
Ceramic, X7R / X5R, tolerance
10
COUT
±10%
Maximum DC bias effect @ 18V
-50
%
CIN
C between battery voltage and GND
10
µF
Ceramic, X7R / X5R
L between SW and VBAT
10
µH
L1
Shielded inductor, low ESR
Saturation current
600
mA
CVREF
C between VREF and GND
100
nF
Ceramic, X7R / X5R
RKEY
R between IKEY and GND
8.2
k
Ω
±1%
RRT
R between IRT and GND
82
k
Ω
±1%
Rectifying diode (Vf @ maxload)
0.3-0.5
V
D1
Reverse voltage
30
V
Schottky diode
Repetitive peak current
800
mA
CSW
C in EMI filter
100
pF
Ceramic, X7R / X5R, 50V
RSW
R in EMI filter
390
Ω
±1%
LEDs
User Defined
Note: See Application Note AN-1436 "Design and Programming Examples for Lighting Management Unit
LP3958" for more information on how to design with LP3958
24
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com