Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281TL/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Part # LP55281TL/NOPB
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281TL/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP55281TL/NOPB Datasheet HTML 28Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 29Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 30Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 31Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 32Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 33Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 34Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 35Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
32
LP55281
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
For typical LED-driver applications, use the parameters listed in Table 10.
Table 10. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
3 V
Output voltage
5 V
SW pin current limit
550 mA (minimum)
Efficiency
75%
8.2.2 Detailed Design Procedure
The output current can be approximated by using this formula: IOUT = (VIN × ISW_MAX × efficiency) / VOUT.
Example: 3 V × 550 mA × 0.75 / 5 V = 248 mA
8.2.2.1 Recommended External Components
8.2.2.1.1
Output Capacitor, COUT
The output capacitor COUT directly affects the magnitude of the output ripple voltage. In general, the higher the
value of COUT, the lower the output ripple magnitude. Multilayer ceramic capacitors with low ESR are the best
choice. At the lighter loads, the low ESR ceramics offer a much lower VOUT ripple than the higher ESR tantalums
of the same value. At the higher loads, the ceramics offer a slightly lower VOUT ripple magnitude than the
tantalums of the same value. However, the dv/dt of the VOUT ripple with the ceramics is much lower than the
tantalums under all load conditions. Capacitor voltage rating must be sufficient, TI recommends 10 V or greater.
Some ceramic capacitors, especially those in small packages, exhibit a strong capacitance reduction with the
increased applied voltage. The capacitance value can fall to below half of the nominal capacitance. Output
capacitance that is too low increase the noise, and it can make the boost converter unstable.
8.2.2.1.2
List Of Recommended External Components
PARAMETER
VALUE
UNIT
TYPE
CVDD1
C between VDD1 and GND
100
nF
Ceramic, X7R/X5R
CVDD2
C between VDD2 and GND
100
nF
Ceramic, X7R/X5R
CVDDIO
C between VDDIO and GND
100
nF
Ceramic, X7R/X5R
CVDDA
C between VDDA and GND
1
µF
Ceramic, X7R/X5R
COUT
C between FB and GND
10
µF
Ceramic, X7R/X5R
CIN
C between battery voltage and GND
10
µF
Ceramic, X7R/X5R
LBOOST
L between SW and VBAT at 2 MHz
4.7
µH
Shielded, low ESR, ISAT 1A
CVREF
C between VREF and GND
100
nF
Ceramic, X7R
CVDDIO
C between VDDIO and GND
100
nF
Ceramic, X7R
RRGB
R between IRGB and GND
8.2
k
Ω
±1%
RRT
R between IRT and GND
82
k
Ω
±1%
D1
Rectifying Diode (Vf at maxload)
0.3
V
Schottky diode
CASE
C between Audio input and ASEx
100
nF
Ceramic, X7R/X5R
LEDs
User defined
8.2.2.1.3
Input Capacitor, CIN
The input capacitor CIN directly affects the magnitude of the input ripple voltage and to a lesser degree the VOUT
ripple. A higher value CIN gives a lower VIN ripple. Capacitor voltage rating must be sufficient, TI recommends 10
V or greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com