Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602A Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602A Datasheet(HTML) 4 Page - Texas Instruments

  PCM1602A Datasheet HTML 1Page - Texas Instruments PCM1602A Datasheet HTML 2Page - Texas Instruments PCM1602A Datasheet HTML 3Page - Texas Instruments PCM1602A Datasheet HTML 4Page - Texas Instruments PCM1602A Datasheet HTML 5Page - Texas Instruments PCM1602A Datasheet HTML 6Page - Texas Instruments PCM1602A Datasheet HTML 7Page - Texas Instruments PCM1602A Datasheet HTML 8Page - Texas Instruments PCM1602A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
PCM1602A
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, system clock = 384 fS (fS = 44.1 kHz), and 24-bit data, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
Output voltage
Full scale (–0 dB)
0.62 VCC
VPP
Center voltage
0.5 VCC
Vdc
Load impedance
AC load
5
k
Ω
DIGITAL FILTER PERFORMANCE
Group delay time
20/fS
De-emphasis error
±0.1
dB
Filter Characteristics 1, Sharp Rolloff
Pass band
±0.03 dB
0.454 fS
Pass band
–3 dB
0.487 fS
Stop band
0.546 fS
Pass-band ripple
±0.03
dB
Stop-band attenuation
Stop band = 0.546 fS
–50
dB
Stop-band attenuation
Stop band = 0.567 fS
–55
dB
Filter Characteristics 2, Slow Rolloff
Pass band
±0.5 dB
0.198 fS
Pass band
–3 dB
0.39 fS
Stop band
0.884 fS
Pass-band ripple
±0.5
dB
Stop-band attenuation
Stop band = 0.884 fS
–40
dB
ANALOG FILTER PERFORMANCE
f = 20 kHz
–0.03
Frequency response
dB
f = 44 kHz
–0.2
POWER-SUPPLY REQUIREMENTS(5)
VDD
3
3.3
3.6
Voltage range
Vdc
VCC
4.5
5
5.5
fS = 44.1 kHz
11
15
IDD
(6)
fS = 96 kHz
24
fS = 192 kHz
19
Supply current
mA
fS = 44.1 kHz
27
38
ICC
fS = 96 kHz
28
fS = 192 kHz
28
fS = 44.1 kHz
171
240
Power dissipation
fS = 96 kHz
219
mW
fS = 192 kHz
203
TEMPERATURE RANGE
TA
Operation temperature
–25
85
°C
qJA
Thermal resistance
100
°C/W
(5)
Conditions in 192-kHz operation are: system clock = 128 fS, DAC3 through DAC6 disabled in register 8, and oversampling rate = 64 fS
in register 12.
(6)
SCKO is disabled.
4
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com