Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602A Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602A Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1602A Datasheet HTML 6Page - Texas Instruments PCM1602A Datasheet HTML 7Page - Texas Instruments PCM1602A Datasheet HTML 8Page - Texas Instruments PCM1602A Datasheet HTML 9Page - Texas Instruments PCM1602A Datasheet HTML 10Page - Texas Instruments PCM1602A Datasheet HTML 11Page - Texas Instruments PCM1602A Datasheet HTML 12Page - Texas Instruments PCM1602A Datasheet HTML 13Page - Texas Instruments PCM1602A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
f − Frequency − kHz
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
0
2
4
6
8
10
12
14
16
18
20
22
G009
f − Frequency − kHz
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
12
14
16
18
20
22
G010
VCC − Supply Voltage − V
96
98
100
102
104
106
108
110
4.0
4.5
5.0
5.5
6.0
G012
192 kHz, 128 fS
96 kHz, 384 fS
44.1 kHz, 384 fS
VCC − Supply Voltage − V
4.0
4.5
5.0
5.5
6.0
10
0.01
0.001
0.0001
G011
0.1
1
−60 dB/192 kHz, 128 fS
0 dB/192 kHz, 128 fS
0 dB/96 kHz, 384 fS
−60 dB/44.1 kHz, 384 fS
0 dB/44.1 kHz, 384 fS
−60 dB/96 kHz, 384 fS
PCM1602A
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
www.ti.com
TYPICAL PERFORMANCE CURVES (continued) (continued)
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit input data, unless
otherwise noted
DE-EMPHASIS
DE-EMPHASIS ERROR
(fS = 48 kHz)
(fS = 48 kHz)
Figure 9.
Figure 10.
TYPICAL PERFORMANCE CURVES (continued)
ANALOG DYNAMIC PERFORMANCE
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, and 24-bit input data, unless otherwise noted. Conditions in 192-kHz
operation are system clock = 128 fS, DAC3 through DAC6 disabled in register 8, and oversampling rate = 64 fS (set by OVER
bit in register 12).
Supply-Voltage Characteristics
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE
vs
vs
VCC (VDD = 3.3 V)
VCC (VDD = 3.3 V)
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com