Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602A Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602A Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1602A Datasheet HTML 9Page - Texas Instruments PCM1602A Datasheet HTML 10Page - Texas Instruments PCM1602A Datasheet HTML 11Page - Texas Instruments PCM1602A Datasheet HTML 12Page - Texas Instruments PCM1602A Datasheet HTML 13Page - Texas Instruments PCM1602A Datasheet HTML 14Page - Texas Instruments PCM1602A Datasheet HTML 15Page - Texas Instruments PCM1602A Datasheet HTML 16Page - Texas Instruments PCM1602A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
tw(SCKH)
System Clock
tw(SCKL)
2 V
0.8 V
H
L
System Clock
Pulse Cycle
Time(1)
T0005A08
PCM1602A
www.ti.com
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
SYSTEM CLOCK AND RESET FUNCTIONS
SYSTEM CLOCK INPUT
The PCM1602A requires a system clock for operating the digital interpolation filters and multilevel delta-sigma
modulators. The system clock is applied at the SCKI input (pin 38). Table 1 shows examples of system clock
frequencies for common audio sampling rates.
Figure 19 shows the timing requirements for the system clock input. For optimal performance, it is important to
use a clock source with low phase jitter and noise. The PLL170x multiclock generator from Texas Instruments is
an excellent choice for providing the PCM1602A system clock.
The 192-kHz sampling frequency operation is available on DATA1 for VOUT1 and VOUT2. It is recommended that
VOUT3, VOUT4, VOUT5, and VOUT6 be forced to the bipolar zero level using the DAC3, DAC4, DAC5, and DAC6
bits of register 8 when operating at 192 kHz.
Table 1. System Clock Rates for Common Audio Sampling Frequencies
SAMPLING FREQUENCY
SYSTEM CLOCK FREQUENCY (fSCLK) (MHz)
(kHz)
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
8
(1)
(1)
2.048
3.072
4.096
6.144
16
(1)
(1)
4.096
6.144
8.192
12.288
32
(1)
(1)
8.192
12.288
16.384
24.576
44.1
(1)
(1)
11.2896
16.9344
22.5792
33.8688
48
(1)
(1)
12.288
18.432
24.576
36.864
96
(1)
(1)
24.576
36.864
49.152
(1)
192
24.576
36.864
(1)
(1)
(1)
(1)
(1)
This system clock is not supported for the given sampling frequency.
SYMBOL
PARAMETER
MIN
MAX
UNIT
tw(SCKH)
System clock pulse duration, HIGH
7
ns
tw(SCKL)
System clock pulse duration, LOW
7
ns
(1)
1/128 fS, 1/256 fS, 1/384 fS, 1/512 fS, and 1/768 fS.
Figure 19. System Clock Timing
SYSTEM CLOCK OUTPUT
A buffered version of the system clock input is available at the SCKO output (pin 39). SCKO can operate at
either full (fSCKI) or half (fSCKI/2) rate. The SCKO output frequency can be programmed using the CLKD bit of
register 9. The SCKO output pin can also be enabled or disabled using the CLKE bit of register 9. If the SCKO
output is not required, it is recommended to disable it using the CLKE bit. The default is SCKO enabled.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com