Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602A Datasheet(PDF) 44 Page - Texas Instruments

Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602A Datasheet(HTML) 44 Page - Texas Instruments

Back Button PCM1602A Datasheet HTML 38Page - Texas Instruments PCM1602A Datasheet HTML 39Page - Texas Instruments PCM1602A Datasheet HTML 40Page - Texas Instruments PCM1602A Datasheet HTML 41Page - Texas Instruments PCM1602A Datasheet HTML 42Page - Texas Instruments PCM1602A Datasheet HTML 43Page - Texas Instruments PCM1602A Datasheet HTML 44Page - Texas Instruments PCM1602A Datasheet HTML 45Page - Texas Instruments PCM1602A Datasheet HTML 46Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALLAROUND
0.05 MIN
ALL AROUND
(8.2)
(8.2)
48X (1.6)
48X (0.3)
44X (0.5)
(R0.05) TYP
LQFP - 1.6 mm max height
PT0048A
LOW PROFILE QUAD FLATPACK
4215159/B 11/2023
NOTES: (continued)
5. Publication IPC-7351 may have alternate designs.
6. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE 10.000
PKG SYMM
PKG
SYMM
1
12
13
24
25
36
37
48
SEE SOLDER MASK
DETAILS
EXPOSED METAL
METAL EDGE
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
EXPOSED METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com