Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748E/2K.B Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM1748E/2K.B
Description  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748E/2K.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1748E/2K.B Datasheet HTML 10Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 11Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 12Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 13Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 14Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 15Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 16Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 17Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
www.ti.com
LRCK
BCK
DATA
50% of V
DD
50% of V
DD
50% of V
DD
t
BCH
t
BCL
t
LB
t
BL
t
DS
t
DH
t
BCY
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tBCY
BCK pulse cycle time
1/(64 fS)(1)
tBCH
BCK high-level time
35
ns
tBCL
BCK low-level time
35
ns
tBL
BCK rising edge to LRCK edge
10
ns
tLB
LRCK falling edge to BCK rising edge
10
ns
tDS
DATA setup time
10
ns
tDH
DATA hold time
10
ns
(1)
fS is the sampling frequency (e.g., 44.1 kHz, 48 kHz, 96 kHz, etc.).
Figure 22. Audio Interface Timing
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com