Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748E/2K.B Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM1748E/2K.B
Description  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748E/2K.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1748E/2K.B Datasheet HTML 19Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 20Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 21Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 22Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 23Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 24Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 25Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 26Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
www.ti.com
V
COM OUTPUT
R
1
R
3
R
2
C
1
C
2
V
CC
10 F
(a) Using V
COM to Bias a Single−Supply Filter Stage
(b) Using a Voltage Follower to Buffer V
COM when Biasing Multiple Nodes
(c) Using an INA134 for DC−Coupled Output
x = L or R
10 F
Filtered
Output
OPA337
2
3
1
A
V = −1, where AV = −
R
2
R
1
V
OUTx
V
COM
V
COM
P C M 17 4 8
+
+
Buffered
V
COM
V
CC
V+
V
V
CC
+
1/2
OP A 2353
10 F
P C M 1 74 8
25k
Ω
25k
Ω
49.9k
Ω
1%
25k
Ω
25k
Ω
SENSE
OUT
−IN
+IN
REF
x = L or R
10 F
To Low−Pass
Filter Stage
INA134
V
OUTx
V
COM
P C M 17 4 8
+
µ
µ
µ
µ
−
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
One unbuffered common-mode voltage output pin, VCOM (pin 10), is brought out for decoupling purposes. This
pin is nominally biased to a dc voltage level equal to VCC/2. This pin can be used to bias external circuits. An
example of using the VCOM pin for external biasing applications is shown in Figure 27.
Figure 27. Biasing External Circuits Using the VCOM Pin
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com