Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748E/2K.B Datasheet(PDF) 18 Page - Texas Instruments

Part # PCM1748E/2K.B
Description  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748E/2K.B Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM1748E/2K.B Datasheet HTML 14Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 15Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 16Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 17Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 18Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 19Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 20Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 21Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
www.ti.com
MUTx – Soft Mute Control
OVER – Oversampling Rate Control
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 18
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
OVER
RSV
RSV
RSV
RSV
MUT2
MUT1
where x = 1 or 2, corresponding to the DAC output VOUTL (x = 1) and VOUTR (x = 2)
Default value: 0
MUTx = 0
Mute disabled (default)
MUTx = 1
Mute enabled
The mute bits, MUT1 and MUT2, are used to enable or disable the soft mute function for the corresponding DAC
outputs, VOUTL and VOUTR. The soft mute function is incorporated into the digital attenuators. When mute is
disabled (MUTx = 0), the attenuator and DAC operate normally. When mute is enabled by setting MUTx = 1, the
digital attenuator for the corresponding output is decreased from the current setting to the infinite attenuation
setting by one attenuator step (0.5 dB) at a time for every 8/fS period. This provides a quiet, pop-free muting of
the DAC output.
By setting MUTx = 0, the attenuator is increased by one step for every 8/fS period to the previously programmed
attenuation level.
Default value: 0
OVER = 0
64× oversampling (default)
OVER = 1
128× oversampling
The OVER bit is used to control the oversampling rate of the delta-sigma DACs.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com