Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748E/2K.B Datasheet(PDF) 16 Page - Texas Instruments

Part # PCM1748E/2K.B
Description  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748E/2K.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1748E/2K.B Datasheet HTML 12Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 13Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 14Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 15Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 16Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 17Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 18Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 19Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
www.ti.com
CONTROL INTERFACE TIMING REQUIREMENTS
50% of V
D D
50% of V
D D
50% of V
D D
ML
MC
MD
t
M L S
t
MCH
t
MCY
t
MDS
t
MDH
t
MCL
t
MHH
t
MLH
LSB
MODE CONTROL REGISTERS
User-Programmable Mode Controls
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
See Figure 25 for a detailed timing diagram of the serial control interface. These timing parameters are critical for
proper control port operation.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tMCY
MC pulse cycle time
100
ns
tMCL
MC low-level time
50
ns
tMCH
MC high-level time
50
ns
tMHH
ML high-level time
3/(256 × fS) (2)
ns
tMLS
ML falling edge to MC rising edge
20
ns
tMLH
ML hold time (1)
20
ns
tMDH
MD hold time
15
ns
tMDS
MD setup time
20
ns
(1)
MC rising edge for LSB to ML rising edge
(2)
fS = sampling rate
Figure 25. Control Interface Timing
The PCM1748 includes a number of user-programmable functions that are accessed via control registers. The
registers are programmed using the serial control interface that was previously discussed in this data sheet.
Table 2 lists the available mode control functions, along with their reset default conditions and associated register
index.
Table 2. User-Programmable Mode Controls
FUNCTION
RESET DEFAULT
CONTROL
INDEX IDX[6:0]
REGISTER
Digital attenuation control, 0 dB to –63 dB in 0.5-dB steps
0 dB, no attenuation
16 and 17
AT1[7:0], AT2[7:0]
Soft mute control
Mute disabled
18
MUT[2:0]
Oversampling rate control (64 fS or 128 fS)
64-fS oversampling
18
OVER
DAC operation control
DAC1 and DAC2 enabled
19
DAC[2:1]
De-emphasis function control
De-emphasis disabled
19
DM12
De-emphasis sample rate selection
44.1 kHz
19
DMF[1:0]
Audio data format control
24-bit left-justified
20
FMT[2:0]
Digital filter rolloff control
Sharp rolloff
20
FLT
Zero flag function select
L-/R-channels independent
22
AZRO
Output phase select
Normal phase
22
DREV
Zero-flag polarity select
High
22
ZREV
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com