Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5060BCCZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5060BCCZN-R7
Description  Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5060BCCZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5060BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADRF5060
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 16
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Supply Voltage. See Figure 6 for the interface schematic.
2, 3, 5, 9, 10, 12, 13, 15, 16,
17, 18, 20, 21, 22, 23, 25, 26,
28, 29
GND
Grounds.
4
RFIN
RF Input. The RFIN pin is DC-coupled to 0V. No DC-blocking capacitor is necessary when the RF line potential is equal to
0V DC. See Figure 4 for the interface schematic.
6
V1
Digital Control Input 1. See Figure 5 for the interface schematic.
7
V2
Digital Control Input 2. See Figure 5 for the interface schematic.
8
XC
Digital Control Input for Cross Port Selection. See Figure 8 for the interface schematic and the Theory of Operation section
for further details.
11
OUTB
Output Path for External Path B. The OUTB pin is DC-coupled to 0V. No DC-blocking capacitor is necessary when the RF
line potential is equal to 0V DC. See Figure 4 for the interface schematic.
14
INB
Input Path for External Path B. The INB pin is DC-coupled to 0V. No DC-blocking capacitor is necessary when the RF line
potential is equal to 0 VDC. See Figure 4 for the interface schematic.
19
RFOUT
RF Output. The RFOUT pin is DC-coupled to 0V. No DC-blocking capacitor is necessary when the RF line potential is equal
to 0 VDC. See Figure 4 for the interface schematic.
24
INA
Input Path for External Path A. The INA pin is DC-coupled to 0V. No DC-blocking capacitor is necessary when the RF line
potential is equal to 0 VDC. See Figure 4 for the interface schematic.
27
OUTA
Output Path for External Path A. The OUTA pin is DC-coupled to 0V. No DC-blocking capacitor is necessary when the RF
line potential is equal to 0V DC. See Figure 4 for the interface schematic.
30
VSS
Negative Supply Voltage. See Figure 7 for the interface schematic.
EP
Exposed Pad. The exposed pad must be connected to the RF and DC ground of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com