Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5060BCCZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5060BCCZN-R7
Description  Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5060BCCZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5060BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
ADRF5060
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 16
The ADRF5060 integrates a driver to perform logic functions inter-
nally and to provide the user with the advantage of a simplified
CMOS-/LVTTL-compatible control interface. The driver features dig-
ital control input pins (XC, V1, and V2) that control the state of the
external paths.
RF INPUT AND OUTPUT
All of the RF ports are DC-coupled to 0V, and no DC blocking
capacitor is required at the RF ports if the RF line potential is equal
to 0V.
The RF ports are internally matched to 50Ω; therefore, external
matching networks are not required.
The insertion loss path conducts the RF signal between the se-
lected RF path and the RFIN or RFOUT port. The through path
conducts RF signal between the RFIN to RFOUT pins. The isolation
path provides high loss between the insertion loss path and the
unselected RF port that is terminated to an internal 50Ω resistor.
The XC pin is used for the selection cross connections between
External Path A or External Path B (see Table 6).
The switch design is bidirectional with equal power handling capa-
bilities. The RF input signal can be applied to the RFIN or RFOUT
ports or the External A or External B paths.
Figure 23. External Path A (Left) and External Path B (Right) Configuration
Figure 24. Through (Left) and All Off (Right) Configuration
Figure 25. XC Configurations OUTB and INA (Left) or OUTA and INB (Right)
Table 6. Control Voltage Truth Table
RF Path Selection
XC
V1
V2
Through
Don't care
Low
Low
External Path B
Low
Low
High
External Path A
Low
High
Low
All Off (Isolation)
Don't care
High
High
Through
Don't care
Low
Low
Out A and In B
High
Low
High
Out B and In A
High
High
Low
All Off (Isolation)
Don't care
High
High
POWER SUPPLY
The ADRF5060 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
minimize RF coupling.
The ideal power-up sequence is as follows:
1. Connect GND.
2. Power up VDD and VSS voltages. Power up VSS after VDD to
avoid current transients on VDD during ramp up.
3. Apply the digital control input (XC, V1, and V2). The relative
order of the control inputs is not important. However, applying
the digital control input pins before the VDD supply can inadver-
tently forward bias and damage the internal ESD protection
structures. A series 1kΩ resistor can be used to limit the current
flowing into the digital control input pins in such cases. If the
digital control input pins are not driven to a valid logic state
(that is, the controller output is in a high impedance state)
after VDD is powered up, it is recommended to use pull-up and
power-down resistors.
4. Apply an RF input signal.
The ideal power-down sequence is the reverse order of the power-
up sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com