Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5060BCCZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF5060BCCZN-R7
Description  Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5060BCCZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF5060BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Data Sheet
ADRF5060
OUTLINE DIMENSIONS
©2025 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 16 of 16
Package Drawing Option
Package Type
Package Description
CC-30-7
LGA
30-Terminal Land Grid Array
For the latest package outline information and land patterns (footprints), go to Package Index.
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADRF5060BCCZN
−40°C to +105°C
30-Terminal Land Grid Array [LGA]
Reel, 500
CC-30-7
ADRF5060BCCZN-R7
−40°C to +105°C
30-Terminal Land Grid Array [LGA]
Reel, 500
CC-30-7
1 Z = RoHS Compliant Part.
Updated: August 24, 2023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com