Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5060BCCZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF5060BCCZN-R7
Description  Nonreflective RF Path Selector SP3T with Bypass, 100MHz to 20GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5060BCCZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF5060BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 15Page - Analog Devices ADRF5060BCCZN-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADRF5060
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 15 of 16
Figure 33. Recommended RF Pin Transitions
For alternate PCB stack-ups with different dielectric thickness and
CPWG design, contact Analog Devices, Inc., Technical Support for
further recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com