Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT-FC6A-P16-R Datasheet(PDF) 1 Page - IDEC Corporation

Part # KIT-FC6A-P16-R
Description  MicroSmart FC6A Plus PLC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

KIT-FC6A-P16-R Datasheet(HTML) 1 Page - IDEC Corporation

  KIT-FC6A-P16-R Datasheet HTML 1Page - IDEC Corporation KIT-FC6A-P16-R Datasheet HTML 2Page - IDEC Corporation KIT-FC6A-P16-R Datasheet HTML 3Page - IDEC Corporation KIT-FC6A-P16-R Datasheet HTML 4Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MicroSmart FC6A Plus PLC
CPU Modules
PRODUCT DESCRIPTION
This next-generation IDEC MicroSmart
FC6A Plus PLC performs beyond micro
PLC limits. With its 2,060 I/O capacity,
it can control large machines or entire
small-scale manufacturing facilities,
providing more capabilities for the most
demanding applications.
KEY FEATURES
•
Dual Ethernet ports
•
iOS and Android app
•
Maximum 2,060 digital I/O
•
Maximum 511 analog I/O
•
Bluetooth communication
SPECIFICATIONS
General Specifications
FC6A PLUS CPU MODULES
Hazardous
Location
ClassI Div2
Part No.
FC6A–D16R1CEE
FC6A–D16P1CEE
FC6A–D16K1CEE
FC6A–D32P3CEE
FC6A–D32K3CEE
Rated Power Voltage
24V DC
Allowable Voltage Range
20.4 to 28.8V DC (including ripple)
Maximum Power
Consumption
(CPU module)
FC6A–D16R1CEE: 2.88W (24V DC)
FC6A–D16P1CEE: 2.88W (24V DC)
FC6A–D16K1CEE: 2.88W (24V DC)
FC6A–D32P3CEE: 3.36W (24V DC)
FC6A–D32K3CEE: 3.36W (24V DC)
Inrush Current
35A maximum
Allowable Momentary
Power Interruption
10ms (at rated voltage)
Operating Temperature
–10 to +55ºC (no freezing)
Storage Temperature
–25 to +70ºC (no freezing)
Relative Humidity
Level RH1 (IEC 61131-2) 10 to 95% (no condensation)
Altitude
Operation: 0 to 2,000m, 795 to 1,013hPa, Transport: 0 to 3,000m, 701 to 1,013hPa
Pollution Degree
2 (IEC 60664-1)
Corrosion Immunity
Free from corrosive gases
Dielectric Strength
Between power and FE terminals:
500V AC, 1 minute
Between transistor output and FE terminals:
500V AC, 1 minute
Between power and input terminals:
500V AC, 1 minute
Between power and relay output terminals: 2,300V
AC, 1 minute
Between input and relay output terminals:
2,300V AC, 1 minute
Between input and FE terminals:
500V AC, 1 minute
Between relay output and FE terminals:
2,300V AC, 1 minute
Between power and transistor output terminals: 500V AC,
1 minute
Between input and transistor output terminals: 500V AC,
1 minute
High-speed Counter
& Pulse Output
Power
Input
Output
Interface
I/O Points
Part No.
•
High-speed
counter
Maximum input
frequency:
100kHz
•
Pulse output (*1)
Maximum output
frequency:
100kHz
24V DC
24V DC
(Sink/
Source)
Relay Output 2A (240V AC-2A,
30V DC-2A)
Port 1 (USB)
Port 2
(Ethernet)
Port 3
(Ethernet)
16 points
(8/8)
FC6A–D16R1CEE
Transistor Source Output 0.5A
FC6A–D16P1CEE
Transistor Sink Output 0.5A
FC6A–D16K1CEE
Transistor Source Output 0.1A
32 points
(16/16)
FC6A–D32P3CEE
Transistor Sink Output 0.1A
FC6A–D32K3CEE


Similar Part No. - KIT-FC6A-P16-R

ManufacturerPart #DatasheetDescription
logo
Kontron
KIT-FMC-DEV KONTRON-KIT-FMC-DEV Datasheet
1Mb / 3P
3U VPX XILINX® VIRTEX®-5 FPGA PROCESSOR BOARD WITH FMC SITE
More results

Similar Description - KIT-FC6A-P16-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM2C OMRON-CPM2C Datasheet
315Kb / 20P
Compact PLC Series
P1C OMRON-P1C Datasheet
548Kb / 6P
PLC Splitter Module
logo
List of Unclassifed Man...
FC4A-J8C1 ETC2-FC4A-J8C1 Datasheet
4Mb / 29P
MicroSmart Performance
logo
XFMRS Inc.
XF0144-ST XFMRS-XF0144-ST Datasheet
76Kb / 1P
PLC XFMR
logo
Kemet Corporation
PLT-02 KEMET-PLT-02 Datasheet
826Kb / 2P
Transformer for PLC
logo
LinkCom Manufacturing C...
LTC0318-50P LINKCOM-LTC0318-50P Datasheet
68Kb / 1P
PLC Transformer
logo
Schneider Electric
TCSEGDB23F24FA SCHNEIDER-TCSEGDB23F24FA Datasheet
98Kb / 4P
Modbus Plus proxy module - for Modicon M340 PLC
Aug 10, 2019
logo
IDEC Corporation
FC4A-L03A1 IDEC-FC4A-L03A1 Datasheet
190Kb / 1P
MicroSmart Pentra RS232 Communication Module
logo
Schneider Electric
TCSEGDB23F24FK SCHNEIDER-TCSEGDB23F24FK Datasheet
109Kb / 4P
Modbus Plus proxy module, Modicon M340 automation platform, for PLC, coated
Apr 20, 2022
logo
IDEC Corporation
FC6A IDEC-FC6A Datasheet
210Kb / 1P
MicroSmart FC6A PLC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com