Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT-FC6A-P16-R Datasheet(PDF) 4 Page - IDEC Corporation

Part # KIT-FC6A-P16-R
Description  MicroSmart FC6A Plus PLC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

KIT-FC6A-P16-R Datasheet(HTML) 4 Page - IDEC Corporation

  KIT-FC6A-P16-R Datasheet HTML 1Page - IDEC Corporation KIT-FC6A-P16-R Datasheet HTML 2Page - IDEC Corporation KIT-FC6A-P16-R Datasheet HTML 3Page - IDEC Corporation KIT-FC6A-P16-R Datasheet HTML 4Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IDEC Corporation • 1175 Elko Drive • Sunnyvale, CA 94089 • 800-262-IDEC (4332) • Fax: 408-745-5258 • www.IDEC.com/usa
©2017 IDEC Corporation. All Rights Reserved. FC9Y-DS300-0e 10/17 PDF Only
8.2
4.0
130.9
114.3
73.0
70.0
12.6
4.0
114.3
130.9
73.0
70.0
TRANSISTOR OUTPUT SPECIFICATIONS
*1: This overcurrent signals consist of one signal per 4 point outputs. When microprocessor gets this overcurrent signal by interrupt input, microprocessor turns off 4pt outputs of this category at fixed time (approx. 1sec).
Plus CPU Modules
DIMENSIONS (mm)
FC6A–D32K3CEE
FC6A–D32P3CEE
FC6A–D16R1CEE
FC6A–D16K1CEE
FC6A–D16P1CEE
RELAY OUTPUT SPECIFICATIONS (CON'T)
Part No.
FC6A-C16P1CEE
FC6A-C16K1CEE
FC6A–D32P3CEE
FC6A–D32K3CEE
Transistor Output Points
8 (8/1 common)
16 (16/1 common)
Output Type
Transistor Sink
FC6A–D16K1CEE/FC6A–D32K3CEE
Transistor Source
FC6A–D16P1CEE/FC6A–D32P3CEE
Rated Load Voltage
24V DC
Voltage Tolerance
19.2 to 28.8V DC
Rated Load
Current
Per Point
0.5A
0.1A
Per Common
4.0A
1.6A
Output Delay
Turn ON Time
High speed input port: 5μs
Normal speed input port: 300μs
Turn OFF Time
High speed input port: 5μs
Normal speed input port: 300μs
Isolation
Between output terminal and Internal circuit:
Optocoupler-isolated
Between output terminals:Not isolated
Voltage Drop (ON Voltage)
1V max (voltage between COM and output terminal when output is on.)
Inrush Current
1A
0.2A
Leakage Current
0.1mA maximum
Clamping Voltage
39V ±1V
Maximum Lamp Load
12W
2.4W
Inductive Load
L/R=10ms (28.8V DC, 1Hz)
Overcurrent Protection
Transistor Sink Output:
No
Transistor Source Output: Overcurrent is detected by current limit resistance. (*1)
External Current Draw
100mA maximum, 24V DC (power voltage at the +V terminal, -V terminal at source)
Connector
Insertion Durability
100 times minimum
Applicable Ferrule
1-wire: AI 0.5-8 WH (Phoenix Contact)
2-wire: AI-TWIN 2×0.5-8 WH (Phoenix Contact)
—
Electrical Life
100,000 operations minimum (rated resistive load 1,800 operations/hour)
Mechanical Life
20,000,000 operations minimum (no load 18,000 operations/hour)
Rated Load
Resistive load: 240V AC 2A, 30V DC 2A
Inductive load: 240V AC 2A (cos ø = 0.4), 30V DC 2A (L/R =7 ms)
Connector
Insertion/Removal Durability 100 times minimum
Applicable Ferrule
1-wire: AI 0.5-8 WH (Phoenix Contact)
2-wire: AI-TWIN 2×0.5-8 WH (Phoenix Contact)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com