Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT-FC6A-P16-R Datasheet(PDF) 2 Page - IDEC Corporation

Part # KIT-FC6A-P16-R
Description  MicroSmart FC6A Plus PLC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

KIT-FC6A-P16-R Datasheet(HTML) 2 Page - IDEC Corporation

  KIT-FC6A-P16-R Datasheet HTML 1Page - IDEC Corporation KIT-FC6A-P16-R Datasheet HTML 2Page - IDEC Corporation KIT-FC6A-P16-R Datasheet HTML 3Page - IDEC Corporation KIT-FC6A-P16-R Datasheet HTML 4Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
GENERAL SPECIFICATIONS (CON'T)
FUNCTION SPECIFICATIONS
USB PORT SPECIFICATIONS
ETHERNET PORT 1 SPECIFICATIONS
ETHERNET PORT 2 SPECIFICATIONS
Insulation Resistance
Between power and FE terminals:
100MΩ or higher (500V DC megger)
Between transistor output and FE terminals:
100MΩ or higher (500V DC megger)
Between power and input terminals:
100MΩ or higher (500V DC megger)
Between power and relay output terminals: 100 MΩ
or higher (500V DC megger)
Between input and relay output terminals:
100MΩ or higher (500V DC megger)
Between input and FE terminals:
100MΩ or higher (500V DC megger)
Between relay output and FE terminals:
100MΩ or higher (500V DC megger)
Between power and transistor output terminals:
100 MΩ or higher (500V DC megger)
Between input and transistor output terminals:
100 MΩ or higher (500V DC megger)
Noise Resistance
AC/DC power terminals: 1kV, 50ns to 1μs
I/O terminals (coupling clamp): 1.5kV, 50ns to 1μs coupling adapter
Vibration Resistance
5 to 8.4Hz amplitude 3.5mm
8.4 to 150Hz acceleration 9.8m/s2 (1G), 2 hours per axis on each of three mutually perpendicular axes
(IEC 61131-2)
Shock Resistance
147m/s2 (15G), 11ms duration, 3 shocks per axis on three mutually perpendicular axes
Degree of Protection
IP20 (IEC 60529)
Power Supply Wire
UL1007 AWG24-16, UL2464 AWG24-16, UL1015 AWG20-16
Grounding Wire
UL1007 AWG16
Ground
D-type ground (Class 3 ground)
Mounting
DIN rail or panel mounting
Weight (approx.)
FC6A-D16R1CEE: 290g
FC6A-D16P1CEE: 275g
FC6A-D16K1CEE: 275g
FC6A-D32P3CEE: 255g
FC6A-D32K3CEE: 255g
Part No.
FC6A–D16R1CEE
FC6A–D16P1CEE (*4)
FC6A–D16K1CEE (*4)
FC6A–D32P3CEE (*4)
FC6A–D32K3CEE (*4)
Control System
Stored program system
Instruction Words
Basic
42
Advanced
130
Program Capacity (*1)
800KB (100,000 steps)
User Program Storage
Serial Flash Memory (100,000 times rewritable)
Processing Time
Basic Instruction
21μs/1,000 steps
END Processing (*2)
1ms maximum
I/O Points
Input
8 points
16 points
Output
8 points
16 points
Expandable Modules
7 modules (*3)
Expandable I/O Points with Expansion Modules
224 points
Expandable Modules with Unibody Type Expansion
Modules
8 modules
Expandable I/O Points with Unibody Type Expansion
Modules
256 points
Expandable Modules with Separate Type Expansion
Modules (*5)
63 modules (separate type master: 1 module maximum, separate type slave: 10
modules maximum)
Expandable I/O Points with Separate Type Expansion
Modules (*5)
2,016 points
Internal Relay
15,400 points
Special Internal Relay
1,600 points
Shift Register
256 points
Data Register
60,000 points
Non-Retentive Data Register
200,000 points
Special Data Register
900 points
Counter
512 points
Timer (1ms, 10ms, 100ms,1s)
2,000 points
Clock
Clock accuracy: ±30 sec/month (typical) at 25°C
RAM Backup
Backup Data
Internal relay, shift register, counter, data register, timer, special data register,
special internal relay, clock data
Battery
Lithium primary battery (BR2032)
Battery Life
Approx. 4 years
Replaceability
Possible
Self-diagnostic Function
Keep data, user program sum check (serial flash memory), user program sum check
(RAM), timer/counter preset value sum check, user program syntax check, user
program execution check, WDT check,
user program write check, power failure, clock error, data ink connection check, I/O
bus initialization check
Input Filter
0 ms (without filter), 3 to 15ms (selectable in increments of 1ms)
I14, I15, I16, I17: 3ms
Catch Input/Interrupt Input
Six inputs
I0, I1, I3, I4, I6, I7 (Minimum turn on pulse width: 5μs max./Minimum turn off pulse
width: 5μs max.)
USB Type
USB mini-B
USB Standard
USB 2.0
Isolation
Not isolated from the internal
circuit
Communication Function
Maintenance communication to
PC
Communication Type
IEEE802.3 compliant
Communication Speed
10BASE-T, 100BASE-TX
Connector
RJ45
Cable
CAT.5STP
Maximum Cable Length
100m
Isolation
Pulse trans isolation
Communication
Function
Maintenance communication (server),
user communication (server/client),
user communication UDP, Modbus TCP
(server/client), Email, Web Server, PING,
SNTP, FTP server/client
Communication Type
IEEE802.3 compliant
Communication Speed
10BASE-T, 100BASE-TX
Connector
RJ45
Cable
CAT.5STP
Maximum Cable Length
100m
Isolation
Pulse trans isolation
Communication Function
Maintenance communication (server),
user communication (server/client),
user communication UDP, Modbus
TCP (server/client), PING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com