Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT-FC6A-P16-R Datasheet(PDF) 3 Page - IDEC Corporation

Part # KIT-FC6A-P16-R
Description  MicroSmart FC6A Plus PLC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

KIT-FC6A-P16-R Datasheet(HTML) 3 Page - IDEC Corporation

  KIT-FC6A-P16-R Datasheet HTML 1Page - IDEC Corporation KIT-FC6A-P16-R Datasheet HTML 2Page - IDEC Corporation KIT-FC6A-P16-R Datasheet HTML 3Page - IDEC Corporation KIT-FC6A-P16-R Datasheet HTML 4Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FUNCTION SPECIFICATIONS (CON'T)
*1: 1 step equals 8 bytes.
*2: Not including expansion I/O service time, counter timer processing time, data link processing time, and interrupt processing time.
*3: A maximum of 5 modules can be connected when using the expansion interface module separate type master.
*4: Transistor output model
*5: Communication module cannot be connected.
INPUT SPECIFICATIONS
RELAY OUTPUT SPECIFICATIONS
Part No.
FC6A–D16R1CEE
FC6A–D16P1CEE
FC6A–D16K1CEE
FC6A–D32P3CEE
FC6A–D32K3CEE
Input Points
8 (8/1 common)
16 (16/1 common)
Rated Input Voltage
24V DC: 24V DC sink/source input signal
Input Voltage Range
0 to 28.8V DC
Rated Input Current
High speed input port 5mA/pt, middle/normal speed input port 7mA/pt
Input Impedance
High speed input port 4.9kΩ, middle/normal speed input port: 3.4kΩ
Input Delay
Turn ON Time
High speed input port:
5μs + filter value
Middle speed input port:
35μs + filter value
Normal speed input port:
35μs + filter value
Turn OFF Time
High speed input port:
5us + filter value
Middle speed input port:
35us + filter value
Normal speed input port:
100us + filter value
Isolation
Between input terminals: Not isolated
Internal circuit:
Optocoupler-isolated
Input Type
Type1 (IEC 61131-2)
External Load for I/O Interconnection
Not needed
Signal Determination Method
Static
Effect of Improper Input Connection
Both sinking and sourcing input signals can be connected, therefore reverse connection does not cause damage.
If any input exceeding the rated value is applied, permanent damage may be caused.
Cable Length
3m in compliance with electromagnetic immunity
Connector
Insertion Durability
100 times minimum
Applicable Ferrule
1-wire: AI 0.5-8 WH (Phoenix Contact)
2-wire: AI-TWIN 2×0.5-8 WH (Phoenix Contact)
Part No.
FC6A-D16R1CEE
Relay Output Points
8
Output Points per Common
Line
COM1
4
COM2
4
Output Type
1NO
Maximum Load Current
Per Point
2A
Per Common
COM1: 7A
COM2: 7A
Minimum Switching Load
1mA/5V DC (reference value)
Initial Contact Resistance
30mΩ maximum
High-speed Counter
Maximum Counting
Frequency and High-
speed Counter Points
Total 6 points Single/two-phase selectable: 100kHz (single-phase: 6 points, two-phase: 3 points)
Counting Range
0 to 4,294,967,295 (32 bits)
Operation Mode
Rotary encoder mode, adding counter mode, frequency measurement mode
Analog Potentiometer
Quantity
1 point
Data Range
0 to 1,000
Analog Voltage Input
Quantity
1 point
Input Voltage Range
0 to 10V
Input Impedance
Approx. 100KΩ
Digital Resolution
Approx. 4,000 steps (12 bits)
Pulse Output
(transistor output model
only)
Quantity
4 points
Maximum Output Pulse
Frequency
Q0, Q2, Q4, Q6: 100kHz
Reversible Control
Single-pulse output mode: 4 axis (Q0-Q7), Dual-pulse output mode: 4 axis (Q0-Q7)
PWM Output
Duty cycle 0.1 to 100.0% (increments of 0.1%), Output pulse frequency 15 to 5,000 Hz (increments of 1 Hz): 4 points (Q0, Q2, Q4, Q6) (Adjust 5µs minimum as ON
time and 15µs minimum as OFF time.)
USB Port
USB mini-B (maintenance communication)
Ethernet Port 1
Maintenance communication (server), user communication TCP (server/client),
user communication UDP, Modbus TCP (server/client), Email, Web Server, PING, SNTP, FTP server/client
Ethernet Port 2
Maintenance communication (server), user communication TCP (server/client),
user communication UDP, Modbus TCP (server/client), PING
Cartridge (option)
Two cartridges can be added (when using FC6A–HPH1)/One cartridge can be added (when using FC6A–PH1)
SD Card Slot
Embedded
HMI Module (option)
Yes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com