Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36550603DR10T Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 36550603DR10T
Description  AUTOMOTIVE GRADE MULTILAYER CHIP INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

36550603DR10T Datasheet(HTML) 3 Page - TE Connectivity Ltd

  36550603DR10T Datasheet HTML 1Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 2Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 3Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 4Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 5Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 6Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
INDUSTRIAL / Automotive Grade Multilayer Chip Inductor Type 3655 Series
Automotive Grade Multilayer Chip Inductor
Type 3655 Series
Inductance
(Nh)
Tolerance
Q
minimum
Test frequency
(MHz)
Test voltage
(Mv)
SRF
minimum
(MHz)
RDC (Ω)
maximum
IDC (Ma)
maximum
1.0
±0.3nH,±0.5nH
8
100
50
10000
0.05
500
1.2
±0.3nH,±0.5nH
8
100
50
10000
0.05
500
1.5
±0.3nH,±0.5nH
8
100
50
6000
0.10
500
1.8
±0.3nH,±0.5nH
8
100
50
6000
0.10
500
2.0
±0.3nH,±0.5nH
8
100
50
6000
0.10
500
2.2
±0.3nH,±0.5nH
8
100
50
6000
0.10
500
2.4
±0.3nH,±0.5nH
10
100
50
6000
0.12
500
2.7
±0.3nH,±0.5nH
10
100
50
6000
0.12
500
3.3
±0.3nH,±0.5nH
10
100
50
6000
0.15
500
3.6
±0.3nH,±0.5nH
10
100
50
6000
0.16
500
3.9
±0.3nH,±0.5nH
10
100
50
6000
0.16
500
4.3
±0.3nH,±0.5nH
10
100
50
6000
0.18
500
4.7
±0.3nH,±0.5nH
10
100
50
6000
0.20
500
5.1
±0.3nH,±0.5nH
10
100
50
5500
0.25
500
5.6
±0.3nH,±0.5nH
10
100
50
5000
0.25
500
6.8
±5%,±10%
10
100
50
5000
0.30
500
7.5
±5%,±10%
10
100
50
4500
0.35
500
8.2
±5%,±10%
10
100
50
4500
0.35
500
9.1
±5%,±10%
10
100
50
3500
0.40
300
10
±5%,±10%
12
100
50
3500
0.40
300
12
±5%,±10%
12
100
50
3000
0.45
300
15
±5%,±10%
12
100
50
2300
0.50
300
18
±5%,±10%
12
100
50
2200
0.55
300
22
±5%,±10%
12
100
50
2000
0.60
300
27
±5%,±10%
12
100
50
1700
0.65
300
33
±5%,±10%
12
100
50
1500
0.70
300
39
±5%,±10%
12
100
50
1400
0.70
300
47
±5%,±10%
12
100
50
1200
0.70
300
56
±5%,±10%
12
100
50
1100
0.75
300
68
±5%,±10%
12
100
50
900
0.85
300
82
±5%,±10%
8
100
50
800
1.00
300
100
±5%,±10%
8
100
50
700
1.20
300
120
±5%,±10%
8
50
50
600
1.40
200
150
±5%,±10%
8
50
50
500
1.60
200
180
±5%,±10%
8
50
50
400
1.90
200
220
±5%,±10%
8
50
50
350
2.40
200
270
±5%,±10%
8
50
50
350
2.60
150
330
±5%,±10%
8
50
50
350
2.80
150
390
±5%,±10%
8
50
50
300
3.20
150
430
±5%,±10%
8
50
50
280
3.40
150
470
±5%,±10%
8
50
50
250
3.60
150
ELECTRICAL CHARACTERISTICS
36550603/H Material
Note:
•
Operating temperature range: -55°C~+125°C (including self heating temperature).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com