Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36550603DR10T Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 36550603DR10T
Description  AUTOMOTIVE GRADE MULTILAYER CHIP INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

36550603DR10T Datasheet(HTML) 6 Page - TE Connectivity Ltd

  36550603DR10T Datasheet HTML 1Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 2Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 3Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 4Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 5Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 6Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
INDUSTRIAL / Automotive Grade Multilayer Chip Inductor Type 3655 Series
Automotive Grade Multilayer Chip Inductor
Type 3655 Series
DIMENSIONS
Type
Size
(Inch)
L
(mm)
W
(mm)
T
(mm)
a
(mm)
L1
(mm)
Weight (g)
1000pcs
3655
0402
1.00±0.15
0.50 ±0.15
0.50 ±0.15
0.25 ±0.10
0.50 ±0.15
1
3655
0603
1.60±0.20
0.80 ±0.20
0.80 ±0.20
0.30 ±0.20
-
3
PACKAGING SPECIFICATIONS
Type
Size
(Inch)
A
(mm)
B
(mm)
C
(mm)
N
(mm)
G
(mm)
Quantity
(EA)
3655
0402
178 ±2
22 ±2
12.5 ±1.5
57 ±2
8
10,000
3655
0603
178 ±2
22 ±2
12.5 ±1.5
57 ±2
8
4,000
Type
Size
(Inch)
A0
(mm)
B0
(mm)
W
(mm)
F
(mm)
E
(mm)
P1
(mm)
P2
(mm)
P0
(mm)
D0
(mm)
T
(mm)
3655
0402
0.65±0.1
1.15±0.1
8.0±0.2
3.5±0.1
1.75±0.2
2.0±0.1
2.0±0.1
4.0±0.2
1.55±0.1
0.60±0.1
3655
0603
1.10±0.2
1.90±0.2
8.0±0.2
3.5±0.1
1.75±0.2
4.0±0.2
2.0±0.1
4.0±0.2
1.55±0.1
0.95±0.1
Tape Specifications
36550402
36550603



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com