Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36550603DR10T Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 36550603DR10T
Description  AUTOMOTIVE GRADE MULTILAYER CHIP INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

36550603DR10T Datasheet(HTML) 4 Page - TE Connectivity Ltd

  36550603DR10T Datasheet HTML 1Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 2Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 3Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 4Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 5Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 6Page - TE Connectivity Ltd 36550603DR10T Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
INDUSTRIAL / Automotive Grade Multilayer Chip Inductor Type 3655 Series
Automotive Grade Multilayer Chip Inductor
Type 3655 Series
Item
Requirement
Test Condition
High temperature
exposure (Storage)
No visible damage.
Inductance: ΔL/L within ±10%
Q: ΔQ/Q within ±20%
Temperature: 125°C, unpowered, duration 1000hrs.
Examination at 250hrs, 500hrs and 1000hrs.
Measurement at 24hrs ±4hrs after test conclusion.
Temperature cycle
No visible damage.
Inductance: ΔL/L within ±10%
Q: ΔQ/Q within ±20%
High temperature: 125°C; Low temperature: -55°C.
Duration at each temperature 30min; Transition time: ≤1min;
Severity: 1000 cycles.
Measurement at 24hrs ±4hrs after test conclusion.
Biased humidity
No visible damage.
Inductance: ΔL/L within ±10%
Q: ΔQ/Q within ±20%
High temperature: 125°C; Low temperature: -55°C.
Duration at each temperature 30min; Transition time: ≤1min;
Severity: 1000 cycles.
Measurement at 24hrs ±4hrs after test conclusion.
Operational life
No visible damage.
Inductance: ΔL/L within ±10%
Q: ΔQ/Q within ±20%
Temperature: 125°C
.
Testing current: rated current at normal temperature.
Duration: 1000hrs.
Measurement at 24hrs ±4hrs after test conclusion.
Mechanical shock
No visible damage.
Inductance: ΔL/L within ±10%
Q: ΔQ/Q within ±20%
Half sine wave. Peak value 100g.
Normal duration 6ms
Three shocks in each direction shall be applied along the
three mutually perpendicular axes of the test specimen (18
shocks)
Vibration
No visible damage.
Inductance: ΔL/L within ±10%
Q: ΔQ/Q within ±20%
The entire frequency range of 10~2000Hz and return to 10Hz
shall be traversed in 20minutes. This cycle shall be preformed 12
times in each of three mutually perpendicular directions (total of
36 times), so that the motion shall be applied for a total period
of approximately 12hrs.
Peak value 5g.
Resistance to soldering
heat
No visible damage.
Inductance: ΔL/L within ±10%
Q: ΔQ/Q within ±20%
Solder bath temperature: 260°C ±5°C.
Immersion time: 10s ±1s.
Solderability
95% or more of electrode area
shall be coated by new solder.
Solder bath: Lead-free solder; Temperature: 245°C ±5°C.
Immersion time: 3s ±0.3s.
Board flex
No visible damage.
Inductance: ΔL/L within ±10%
Q: ΔQ/Q within ±20%
The testing samples shall be mounted on a 100m x 40mm FR4
PCB board, which is 1.6mm ±0.2mm thick.
Bending shall be applied to the 2.0mm with 1.0mm/sec.
Duration: 60s ±5s.
ENVIRONMENTAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com